Selected language     English  ā–¼


J05PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part No. J05PT
Description  SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

   
 1 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
J05PT
THRU
J10PT
DO-15
DO-15
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
SILICON RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 1.5 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
CHARACTERISTICS
SYMBOL
UNITS
1.0
5.0
@ TA = 25
oC
uAmps
50
uAmps
Volts
Maximum Instantaneous Forward Voltage at 1.5 A DC
Maximum Reverse Current at rated
DC blocking Voltage per leg
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
0.375" (9.5mm) lead length at TA = 75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance ( Note )
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
VF
30
uAmps
Maximum Full Load Reverse Current Average, Full Cycle
0.375" (9.5mm) lead length at TL = 75
oC
IR
TJ, TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
J05PT
50
35
50
J2PT
200
140
200
J4PT
280
400
400
J6PT
600
420
600
J8PT
800
560
800
J10PT
1000
700
1000
1.5
60
20
-65 to +175
Amps
pF
Typical Thermal Resistance
R JA
50
oC / W
oC
J1PT
100
70
100
Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
@ TA = 100
oC
Case: JEDEC DO-15 molded plastic
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.38 gram
MECHANICAL DATA
0.034(0.9)
0.028(0.7)
DIA.
0.140(3.6)
0.104(2.6)
0.300(7.6)
0.230(5.8)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DIA.
J05PT
J2PT
J4PT
J6PT
J8PT
J10PT
J1PT




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BYP5735A Silicon Power Rectifier Diode 1 2 3 4 5 Zetex Semiconductors
B05S-GSilicon General Purpose Bridge Rectifier 1 2 Comchip Technology
HBL4ATECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
MMB3505TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
SSR24C60CT24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER 1 2 Solid States Devices, Inc
DBG150GDiffused Junction Silicon Diode 15A Single-Phase Bridge Rectifier 1 2 3 Sanyo Semicon Device
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
AG12A_07Silicon Rectifier Cells with Polysiloxane Cover 1 Diotec Semiconductor
EGL1A_07Surface mount diode Ultrafast silicon rectifier diodes 1 2 Semikron International
SBU10ASILICON SINGLE-PHASE BRIDGE RECTIFIER 1 2 Pan Jit International Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl