Selected language     English  ā–¼


J05PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part No. J05PT
Description  SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

   
 2 page
background image
RATING CHARACTERISTIC CURVES ( J05PT THRU J10PT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, (
oC )
NUMBER OF CYCLES AT 60 Hz
1.5
0.5
1.0
0
0
25
50
75
100
125
150
175
200
Single
Half Wave 60HZ
Resistive or
Inductive Load
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
2
5
10
20
50
100
70
60
50
40
30
20
10
0
8.3ms Single Half Sine-Wave
(JEDEC Method)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
0
20
40
60
80
100
120
140
.01
.1
1.0
10
100
TJ =25
oC
TJ =100
oC
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, ( V )
20
10
3.0
1.0
0.3
0.1
.03
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
Pulse Width = 300uS
1% Duty Cycle
TJ =25
oC
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
TJ =25
oC
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BYP5735A Silicon Power Rectifier Diode 1 2 3 4 5 Zetex Semiconductors
B05S-GSilicon General Purpose Bridge Rectifier 1 2 Comchip Technology
HBL4ATECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
MMB3505TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
SSR24C60CT24 AMP 600 VOLTS SCHOTTKY SILICON CARBIDE CENTER TAP RECTIFIER 1 2 Solid States Devices, Inc
DBG150GDiffused Junction Silicon Diode 15A Single-Phase Bridge Rectifier 1 2 3 Sanyo Semicon Device
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
AG12A_07Silicon Rectifier Cells with Polysiloxane Cover 1 Diotec Semiconductor
EGL1A_07Surface mount diode Ultrafast silicon rectifier diodes 1 2 Semikron International
SBU10ASILICON SINGLE-PHASE BRIDGE RECTIFIER 1 2 Pan Jit International Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl