Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

46235-0002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 46235-0002
Description  Micro-Fit 3.0 Low Force Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

46235-0002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  46235-0002 Datasheet HTML 1Page - Molex Electronics Ltd. 46235-0002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Americas Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North
Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Asia Pacific South
Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
630-969-4550
Visit our Web site at http://molex.com
Markets and Applications
Order No. 9876502881
©2009, Molex
Personal Computers
Servers
Fan Tray Assemblies
Power Supplies
Work Stations
3.00mm (.118”) Pitch
Micro-Fit 3.0 Low Force Terminal
46235
Low Force Terminal
Vending Machines
Pin Ball Machines
Fax Machines / Copiers
LED Applications
Order No.
Wire Size
Plating Option
Lubrication
Plant No. for Samples
46235-0001
20-24
15μ”Gold
No
3102 (AME)
5102 (EUR)
1399 (APS)
46235-0002
30μ”Gold
46235-0003
26-30
15μ”Gold
46235-0004
30μ”Gold
46235-5001
20-24
15μ”Gold
Yes
46235-5002
30μ”Gold
46235-5003
26-30
15μ”Gold
46235-5004
30μ”Gold
Terminal


Similar Part No. - 46235-0002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46235-0002 MOLEX6-46235-0002 Datasheet
172Kb / 3P
   Micro-Fit 3.0??Reduced Mating Force, Crimp Terminal, Female, with .0.76關m (30關") Selective Gold (Au) over Nickel (Ni), 20-24 AWG, without Lubricant
More results

Similar Description - 46235-0002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63900-1400 MOLEX-63900-1400 Datasheet
321Kb / 5P
   FineAdjust for Low Force Micro-Fit 3.0??Crimp Terminal
09-22-10
ATS-639001300 MOLEX-ATS-639001300 Datasheet
331Kb / 5P
   FineAdjust for Low Force Micro-Fit 3.0 Crimp Terminal
12-12-11
ATS-639101300 MOLEX-ATS-639101300 Datasheet
239Kb / 6P
   T2 Terminator for Low Force Micro-Fit 3.0 Crimp Terminal
12-12-11
63904-6500 MOLEX-63904-6500 Datasheet
491Kb / 6P
   FineAdjust Applicator for Low-Force Micro-Fit 3.0 Crimp Terminal
12-17-20
ATS-639101400 MOLEX-ATS-639101400 Datasheet
226Kb / 6P
   T2 Terminator for Low Force Micro-Fit 3.0™ Crimp Terminal
09-22-10
0462355004 MOLEX6-0462355004 Datasheet
169Kb / 2P
   Micro-Fit 3.0??High Mating Cycle, Reduced Mating Force, Crimp Terminal
63819-2900 MOLEX-63819-2900 Datasheet
587Kb / 7P
   Hand Crimp Tool For Low Force Micro-Fit 3.0??Crimp Terminals
09-22-10
ATS-638192900 MOLEX-ATS-638192900 Datasheet
587Kb / 7P
   Hand Crimp Tool For Low Force Micro-Fit 3.0™ Crimp Terminals
09-22-10
0430300001-12-B2 MOLEX11-0430300001-12-B2 Datasheet
131Kb / 1P
   MICRO-FIT (3.0) FEMALE CRIMP TERMINAL
0430300001-12-R4 MOLEX11-0430300001-12-R4 Datasheet
131Kb / 1P
   MICRO-FIT (3.0) FEMALE CRIMP TERMINAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com