Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320LC2402PZ Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320LC2402PZ
Description  DSP CONTROLLERS
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2402PZ Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320LC2402PZ Datasheet HTML 7Page - Texas Instruments TMS320LC2402PZ Datasheet HTML 8Page - Texas Instruments TMS320LC2402PZ Datasheet HTML 9Page - Texas Instruments TMS320LC2402PZ Datasheet HTML 10Page - Texas Instruments TMS320LC2402PZ Datasheet HTML 11Page - Texas Instruments TMS320LC2402PZ Datasheet HTML 12Page - Texas Instruments TMS320LC2402PZ Datasheet HTML 13Page - Texas Instruments TMS320LC2402PZ Datasheet HTML 14Page - Texas Instruments TMS320LC2402PZ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
TMS320LF2407, TMS320LF2406, TMS320LF2402
TMS320LC2406, TMS320LC2404, TMS320LC2402
DSP CONTROLLERS
SPRS094C – APRIL 1999 – REVISED OCTOBER 1999
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
pin functions (continued)
Table 2. ’LF240x and ’LC240x Pin List and Package Options†‡ (Continued)
PIN NAME
’LF2407
’2406
’LC2404
’2402
DESCRIPTION
OSCILLATOR, PLL, FLASH, BOOT, AND MISCELLANEOUS (CONTINUED)
VCCP (5V)
58
40
40
60§
Flash programming voltage pin. This is the 5-V supply used for
flash programming. Flash cannot be programmed if this pin is
held at 0 V. Connect to 5-V supply for programming or tie it to
GND during functional mode.
TP1 (Flash)
60
42
42
61§
Flash array test pin.
Do not connect.
TP2 (Flash)
63
44
44
62§
Flash array test pin
. Do not connect.
IOPF6
131
92
92
General-purpose I/O
(
↑)
BIO/IOPC1
119
85
85
Branch control input. BIO is polled by the BCND pma,BIO
instruction. If BIO is low, a branch is executed. If BIO is not
used, it should be pulled high. This pin is configured as a branch
control input by all device resets. It can be used as a GPIO, if
not used as a branch control input.
(
↑)
EMULATION AND TEST
EMU0
90
61
61
7
Emulator I/O #0 with internal pullup. When TRST is driven high,
this pin is used as an interrupt to or from the emulator system
and is defined as input/output through the JTAG scan.
(
↑)
EMU1/OFF
91
62
62
8
Emulator pin 1. Emulator pin 1 disables all outputs. When TRST
is driven high, EMU1/OFF is used as an interrupt to or from the
emulator system and is defined as an input/output through the
JTAG scan. When TRST is driven low, this pin is configured as
OFF. EMU1/OFF, when active low, puts all output drivers in the
high-impedance state. Note that OFF is used exclusively for
testing and emulation purposes (not for multiprocessing
applications). Therefore, for the OFF condition, the following
apply:
TRST = 0
EMU0 = 1
EMU1/OFF = 0
TCK
135
94
94
29
JTAG test clock with internal pullup
(
↑)
TDI
139
96
96
30
JTAG test data input (TDI) with internal pullup. TDI is clocked
into the selected register (instruction or data) on a rising edge of
TCK.
(
↑)
TDO
142
99
99
31
JTAG scan out, test data output (TDO). The contents of the
selected register (instruction or data) is shifted out of TDO on
the falling edge of TCK.
(
↓)
TMS
144
100
100
32
JTAG test-mode select (TMS) with internal pullup. This serial
control input is clocked into the TAP controller on the rising edge
of TCK.
(
↑)
TMS2
36
25
25
48
JTAG test-mode select 2 (TMS) with internal pullup. This serial
control input is clocked into the TAP controller on the rising edge
of TCK. Used for test and emulation only.
(
↑)
TRST
1
1
1
33
JTAG test reset with internal pulldown. TRST, when driven high,
gives the scan system control of the operations of the device. If
this signal is not connected or driven low, the device operates in
its functional mode, and the test reset signals are ignored.
(
↓)
† Bold, italicized pin names indicate pin function after reset.
‡ GPIO – General-purpose input/output pin. All GPIOs come up as input after reset.
§ Pin changes with respect to SPRS094B data sheet.
LEGEND:
↑ – Internal pullup
↓ – Internal pulldown


Similar Part No. - TMS320LC2402PZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2402A TI-TMS320LC2402A Datasheet
1Mb / 134P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2402A TI-TMS320LC2402A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2402A TI-TMS320LC2402A Datasheet
1Mb / 134P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2402A TI1-TMS320LC2402A Datasheet
1Mb / 134P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2402A TI1-TMS320LC2402A Datasheet
1Mb / 134P
[Old version datasheet]   DSP CONTROLLERS
More results

Similar Description - TMS320LC2402PZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com