Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU6PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # KBU6PT
Description  SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

KBU6PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  KBU6PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. KBU6PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARCTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
CASE TEMPERATURE, (
oC )
NUMBER OF CYCLES AT 60HZ
6
5
300
150
200
250
100
50
0
10
4
1.0
0.4
0.1
.04
.01
4
2
3
1
0
0.1
1.0
10
100
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
20
40
60
80
120
100
140
0
20
40
60
80
100
120
140
160
0
2
4
6
8 10
20
40
60 80 100
TJ = 25
oC
TJ = 25
oC
TJ = 100
oC
Single
Half Wave 60HZ
Resistive or
Inductive Load
8.3 ms Single Half
Sine-Wave (JEDEC Method)
PULSE WIDTH=300uS
1% DUTY CYCLE


Similar Part No. - KBU6PT

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KBU6 DIOTEC-KBU6 Datasheet
138Kb / 2P
   Silicon-Bridge Rectifiers
logo
Won-Top Electronics
KBU600 WTE-KBU600 Datasheet
42Kb / 3P
   6.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
List of Unclassifed Man...
KBU600 ETC1-KBU600 Datasheet
37Kb / 1P
   BRIDGE RECTIFIERS
More results

Similar Description - KBU6PT

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
   SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC3506TW GENESIC-GBPC3506TW Datasheet
351Kb / 4P
   Silicon Bridge Rectifier
GBU15J GENESIC-GBU15J Datasheet
344Kb / 3P
   Silicon Bridge Rectifier
KBJ4005G GENESIC-KBJ4005G Datasheet
326Kb / 3P
   Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G Datasheet
308Kb / 3P
   Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Chenmko Enterprise Co. ...
KBU8APT CHENMKO-KBU8APT Datasheet
81Kb / 2P
   SILICON BRIDGE RECTIFIER
W005LPT CHENMKO-W005LPT Datasheet
87Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
   Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com