Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370CX36 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS370CX36
Description  8-BIT MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370CX36 Datasheet(HTML) 4 Page - Texas Instruments

  TMS370CX36 Datasheet HTML 1Page - Texas Instruments TMS370CX36 Datasheet HTML 2Page - Texas Instruments TMS370CX36 Datasheet HTML 3Page - Texas Instruments TMS370CX36 Datasheet HTML 4Page - Texas Instruments TMS370CX36 Datasheet HTML 5Page - Texas Instruments TMS370CX36 Datasheet HTML 6Page - Texas Instruments TMS370CX36 Datasheet HTML 7Page - Texas Instruments TMS370CX36 Datasheet HTML 8Page - Texas Instruments TMS370CX36 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
TMS370Cx36
8-BIT MICROCONTROLLER
SPNS039B – JANUARY 1996 – REVISED FEBRUARY 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
description (continued)
Table 1 provides a memory configuration overview of the TMS370Cx36 devices.
Table 1. Memory Configurations
DEVICE
PROGRAM MEMORY
(BYTES)
DATA MEMORY
(BYTES)
44 PIN PACKAGES
ROM
EPROM
RAM
EEPROM
TMS370C036A
16K
512
256
FN – PLCC
TMS370C736A
16K
512
256
FN – PLCC
SE370C736A†
16K
512
256
FZ – CLCC
† System evaluators and development are for use only in prototype environment, and their reliability has not been characterized.
The suffix letter A appended to the device names in Table 1 indicates the configuration of the devices. ROM
or EPROM devices have different configurations as indicated in Table 2. ROM devices with the suffix letter A
are configured through a programmable contact during manufacture.
Table 2. Suffix Letter Configuration
DEVICE‡
CLOCK
LOW-POWER MODE
EPROM A
Divide-by-4 (Standard oscillator)
Enabled
ROM A
Divide by 4 or Divide by 1 (PLL)
Enabled or disabled
ROM A
Divide-by-4 or Divide-by-1 (PLL)
Enabled or disabled
‡ Refer to the “device numbering conventions” section for device nomenclature and to the “device part numbers” section for ordering.
The 16K bytes of mask-programmable ROM in the associated TMS370Cx36 devices are replaced in the
TMS370C736 with 16K bytes of EPROM. All other available memory and on-chip peripherals are identical. The
OTP (TMS370C736) and reprogrammable (SE370C736) devices are available.
The TMS370C736 OTP device is available in a plastic package. This microcontroller is effective to use for
immediate production updates for other members of the TMS370Cx36 family or for low-volume production runs
when the mask charge or cycle time for the low-cost mask ROM devices is not practical.
The SE370C736 has a windowed ceramic package to allow reprogramming of the program EPROM memory
during the development / prototyping phase of design. The SE370C736 device allows quick updates to
breadboards and prototype systems while iterating initial designs.
The TMS370Cx36 family provides two low-power modes (STANDBY and HALT) for applications where
low-power consumption is critical. Both modes stop all CPU activity (that is, no instructions are executed). In
the STANDBY mode, the internal oscillator, the PACT counter, and PACT’s first command / definition entry
remain active. This allows the PACT module to bring the device out of STANDBY mode. In the HALT mode, all
device activity is stopped. The device retains all RAM data and peripheral configuration bits throughout both
low-power modes.
The TMS370Cx36 features advanced register-to-register architecture that allows direct arithmetic and logical
operations without requiring an accumulator (for example, ADD R24, R47; add the contents of register 24 to
the contents of register 47 and store the result in register 47). The TMS370Cx36 family is fully
instruction-set-compatible, providing easy transition between members of the family.
The TMS370Cx36 has a PACT module that acts as a timer coprocessor by gathering timing information on input
signals and controlling output signals with little or no intervention by the CPU. The coprocessor nature of this
module allows for levels of flexibility and power not found in traditional microcontroller timers.


Similar Part No. - TMS370CX36

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370CX36 TI-TMS370CX36 Datasheet
688Kb / 49P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370CX36

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com