Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

47261-0001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 47261-0001
Description  Pogo Pin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

47261-0001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  47261-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 47261-0001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIIFICATIONS
Pogo Pin
47244, 47245, 47247,
47261, 47282
Molex offers the Po Go Pin Connector for speaker, battery, vibrator and
antenna contact applications.
Speaker, battery, vibrator and antenna contact applications are reducing in
size due to miniaturization of these assembled applications. These
applications demands robust, high cycle and small interconnect solutions to
support repeated mechanical stress exerted on the connector during usage.
The Pogo Connector has been designed to meet the needs of these
applications. Due to its design, it gives a highly durable point-to-point
contact when assembled. The pin height is flexible and can be made
according to customers’ request.
Molex is able to provide solutions for a variety of configuration with
different pitch size.
Features
Benefits
• High contact pressure when
assembled
• Ensure good contact during usage
•Small footprint
• Saving PCB real estate
• Flexible working height and wide
range of configurations
• Support wide range applications
Reference Information
Packaging: Embossed Tape on Reel
UL File No.:
CSA File No.:
Mates With:
Designed In: mm
Electrical
Voltage: Refer to Order Table
Current: Refer to Order Table
Contact Resistance: 50 milliohms max.
Dielectric Withstanding Voltage: Refer to Order
Table
Insulation Resistance: 100 Megohms min.
Mechanical
Normal Force: Refer to Order Table
Durability: Refer to Order Table
Physical
Housing: PA Polyamide (Nylon) 4/6, UL
94V-0
Contact: Copper (Cu) Alloy
Plating:
Contact Area — Refer to Order Table
Solder Tail Area — Refer to Order Table
Underplating — Refer to Order Table
Operating Temperature: -40°C to +85ºC


Similar Part No. - 47261-0001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4726 ETC2-4726 Datasheet
229Kb / 1P
   TO066 TRANSISTOR MOUNTING KIT
logo
3M Electronics
4726 3M-4726 Datasheet
31Kb / 8P
   Single-Coated Foam Tapes
logo
Filtran LTD
4726-05 FILTRAN-4726-05 Datasheet
80Kb / 1P
   Power Transformers International
4726-06 FILTRAN-4726-06 Datasheet
80Kb / 1P
   Power Transformers International
4726-08 FILTRAN-4726-08 Datasheet
80Kb / 1P
   Power Transformers International
More results

Similar Description - 47261-0001

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
060026MA001G103ZR SUYIN-USA-060026MA001G103ZR Datasheet
101Kb / 1P
   POGO PIN CONNECTOR
254019MA005XX00XX SUYIN-USA-254019MA005XX00XX Datasheet
64Kb / 1P
   2.54mm POGO PIN
logo
Harwin Plc
P70-7000045 HARWIN-P70-7000045 Datasheet
52Kb / 1P
   SMT SPRING LOADED POGO PIN
S70-125161545R HARWIN-S70-125161545R Datasheet
63Kb / 1P
   SMT POGO PIN CONTACT PAD
logo
AVX Corporation
709150001020006 AVX-709150001020006 Datasheet
705Kb / 7P
   Pogo Pin Single Contact: BTB
logo
SparkFun Electronics
PRT-09173 SPARKFUN-PRT-09173 Datasheet
87Kb / 2P
   Pogo Pin w/ Round Tip
9??4??7
logo
AVX Corporation
70-9150 AVX-70-9150 Datasheet
705Kb / 7P
   Pogo Pin Single Contact: BTB
logo
Harwin Plc
P70-5100045 HARWIN-P70-5100045 Datasheet
52Kb / 1P
   SMT SPRING LOADED POGO PIN
S70-220101045R HARWIN-S70-220101045R Datasheet
67Kb / 1P
   SMT POGO PIN CONTACT PAD
P70-2200045 HARWIN-P70-2200045 Datasheet
53Kb / 1P
   SMT SPRING LOADED POGO PIN WITH PEG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com