Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87715-9X08 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87715-9X08
Description  PCI Express* connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

87715-9X08 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87715-9X08 Datasheet HTML 1Page - Molex Electronics Ltd. 87715-9X08 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS
FEATURES AND SPECIFICATIONS
1.00mm (.039”) Pitch
PCI Express* connector
87715
Vertical, Through Hole
Molex offers the new PCI Express* revision 2 specs connectors in a through hole
configuration for high-bandwidth workstation and server applications
PCI Express is a third generation I/O architecture. PCI-SIG* recently revised the
PCI Express specifications from version 1.1 to version 2.0. This revision doubles
the PCI Express interconnect bit rate from 2.5 GT/s (gigatransfer per second) to
5 GT/s per lane. Unlike the previous version in which the PCI bus was
implemented via multi-drop parallel architecture, the PCI Express incorporates a
point-to-point signaling using differential pairs. A 16-lane link now could provide
approximately 16Gbps of data-transfer. With this increase in signaling speed,
the PCI Express now provides better support to high-bandwidth applications. It
is also backward compatible with current PCI Express 1.1 version products.
Molex’s through hole connector version of the PCI Express version 2.0 specs
provides customers design flexibility for a narrower interconnect links. This
would improve data-transfer at a lower cost.
All Molex PCI Express connectors are compliant with PCI-SIG* specifications. For
more information on these specifications please see www.pcisig.com
*PCI Express, ExpressModule, and PCI-SIG are trademarks of PCI-SIG
Features
Benefits
High-temperature thermoplastic housing
Withstands lead-free processing
Complies with PCI-SIG industry specifications
Allows connectors to support all PCI Express module cards
available in the market.
Keying design allows only one mating orientation
Ensures correct mating of card module to edge card connector
Hot Plugging
Allows for insertion and removal of card without system shut
down, facilitates connection in cramped spaces
Reference Information
Packaging: Tray
UL File No.: TBD
CSA File No.: TBD
Mates With: PCI Express Card
Designed In: mm
Electrical
Voltage: 50 Volts AC (RMS)/DC
Current: 1.1A
Contact Resistance: 30 milliohms max
Dielectric Withstanding Voltage: 500V AC
Insulation Resistance: 1000 Megohms min
Mechanical
Max Terminal Retention Force: 5 N min/Terminal
Mating Force: 1.15 N max/contact pair
Unmating Force: 0.15 N min/contact pair
Durability: 50 Cycles
Physical
Housing: High Temperature Nylon, UL 94V-0
Contact: Copper Alloy
Plating:
Contact Area —0.76 µm Gold or 0.38 µm Gold
Solder Tail Area — Tin
Underplating — Nickel
Operating Temperature: - 55 ºC to +85 ºC


Similar Part No. - 87715-9X08

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87715-9000 MOLEX9-87715-9000 Datasheet
629Kb / 10P
   1.00mm (.039) Pitch, PCI Express* Connector, 36 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, Gold (Au) Flash, with Plastic Pegs
87715-9001 MOLEX-87715-9001 Datasheet
614Kb / 8P
   PCI EXPRESS EDGE CARD CONNECTOR (LEAD FREE VERSION)
87715-9002 MOLEX9-87715-9002 Datasheet
628Kb / 10P
   1.00mm (.039") Pitch, PCI Express* Connector, 36 Circuits, Nylon 4/6 Glass-filled Black Housing, Phosphor Bronze, 0.38關m (15關") Gold (Au) Plating, with Plastic Pegs
87715-9003 MOLEX-87715-9003 Datasheet
614Kb / 8P
   PCI EXPRESS EDGE CARD CONNECTOR (LEAD FREE VERSION)
87715-9004 MOLEX-87715-9004 Datasheet
614Kb / 8P
   PCI EXPRESS EDGE CARD CONNECTOR (LEAD FREE VERSION)
More results

Similar Description - 87715-9X08

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MPE-52-R-SMT-XX ADAM-TECH-MPE-52-R-SMT-XX Datasheet
105Kb / 1P
   MINI PCI EXPRESS CONNECTOR
logo
Fujitsu Component Limit...
FCN-074J098-G FUJITSU-FCN-074J098-G Datasheet
732Kb / 6P
   (PCI Express Bus) connector
logo
Adam Technologies, Inc.
MIN-PCI ADAM-TECH-MIN-PCI Datasheet
91Kb / 1P
   MINI PCI EXPRESS CONNECTOR
MPE-52-R-SMT-XX-TR ADAM-TECH-MPE-52-R-SMT-XX-TR Datasheet
110Kb / 1P
   MINI PCI EXPRESS CONNECTOR
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
   PCI Express
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
   PCI & MINI PCI EXPRESS
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
   PCI Express to PCI Bridge
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
   PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI6C557-03 PERICOM-PI6C557-03 Datasheet
468Kb / 8P
   PCI Express Clock
logo
ADL Embedded Solutions
ADLGS45PC ADL-ADLGS45PC_16 Datasheet
643Kb / 2P
   PCI/104-Express
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com