Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106059-6200 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 106059-6200
Description  Optical Industrial Cable Assemblies and Adapters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

106059-6200 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  106059-6200 Datasheet HTML 1Page - Molex Electronics Ltd. 106059-6200 Datasheet HTML 2Page - Molex Electronics Ltd. 106059-6200 Datasheet HTML 3Page - Molex Electronics Ltd. 106059-6200 Datasheet HTML 4Page - Molex Electronics Ltd. 106059-6200 Datasheet HTML 5Page - Molex Electronics Ltd. 106059-6200 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ORDERING INFORMATION
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our website at www.molex.com/product/fiber/industrialcables.html
Order No. 987650-0853
Printed in USA/JI/2007.04
©2007, Molex
Optical Industrial
Cable Assemblies
and Adapters
106059 LC Duplex
106059 SC Simplex
106059 MPO Multi-fiber
Industrial In-Line
Adapter
with Dust Cap
All Styles
LC
(Duplex)
SC
(Simplex)
All dimensions are in
INCHES
(MILLIMETERS)


Similar Part No. - 106059-6200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060590020 MOLEX1-1060590020 Datasheet
44Kb / 1P
   Universal Optical Adapter Accessory, Dust Cap / Pulling Cap
1060590020 MOLEX-1060590020 Datasheet
44Kb / 1P
   Universal Optical Adapter Accessory, Dust Cap / Pulling Cap
1060590020 MOLEX-1060590020_V01 Datasheet
44Kb / 1P
   Universal Optical Adapter Accessory, Dust Cap / Pulling Cap
1060590200 MOLEX1-1060590200 Datasheet
49Kb / 1P
   Optical Industrial Adapter, LC Duplex, Multimode
1060590200 MOLEX-1060590200 Datasheet
22Kb / 1P
   Optical Industrial Adapter, LC Duplex, Multimode
More results

Similar Description - 106059-6200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86059-0100 MOLEX-86059-0100 Datasheet
317Kb / 2P
   Optical Industrial Cable Assemblies and Adapters
86389-0001 MOLEX-86389-0001 Datasheet
346Kb / 2P
   Optical Military Cable Assemblies
106284-0001 MOLEX-106284-0001 Datasheet
832Kb / 2P
   CXP Optical Cable Assemblies
86085-0000 MOLEX-86085-0000 Datasheet
162Kb / 2P
   Optical Break-Out Cable Assemblies
86115-3100 MOLEX-86115-3100 Datasheet
673Kb / 2P
   Optical EMI Adapters
86282-4817 MOLEX-86282-4817 Datasheet
213Kb / 2P
   MTP* Optical Round Ribbon Cable Assemblies
logo
List of Unclassifed Man...
OBR4200 ETC2-OBR4200 Datasheet
1Mb / 2P
   Verify quality of optical fiber cable assemblies, connectors and short-run networks
logo
Molex Electronics Ltd.
106100-9000 MOLEX-106100-9000 Datasheet
730Kb / 2P
   Optical Multi-Format EMI Adapters
106501-1000 MOLEX-106501-1000 Datasheet
1Mb / 2P
   Sealed SFP Assemblies Integrated Optical and Electrical Receptacles
48391 MOLEX-48391 Datasheet
2Mb / 5P
   USB 3.0 Connectors and Cable Assemblies
Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com