Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448HSDWPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # MMBD4448HSDWPT
Description  SWITCHING DIODE ARRAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

MMBD4448HSDWPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  MMBD4448HSDWPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. MMBD4448HSDWPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( MMBD4448HSDWPT )
0.1n
1n
10n
100n
1u
10u
REVERSE VOLTAGE, (V)
FIG. 2 - REVERSE CHARACTERISTICS
Ta=125
oC
0
20
80
100
Ta= -40
oC
Ta=75
oC
Ta=25
oC
Ta= 0
oC
60
40
0
0.5
1.0
1.5
2.0
2.5
3.0
REVERSE VOLTAGE, (V)
0
6
12
18
24
30
36
40
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
f = 1MHZ
Ta=125
oC
0
0
20
40
60
80
100
120
25
50
75
100
125
150
AMBIENT TEMPERATURE, (
oC)
FIG. 4 - TYPICAL FORWARD CURRENT
DERATING CURVE
100u
1m
10m
100m
1
0
0.2
0.4
0.6
0.8
1.0
1.2
FORWARD VOLTAGE, (V)
FIG. 1 - FORWARD CHARACTERISTICS
1.4
1.6
Ta=25
oC
Ta= -40
oC
Ta=75
oC
Ta=125
oC
Ta=0
oC


Similar Part No. - MMBD4448HSDWPT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HSDW DIODES-MMBD4448HSDW Datasheet
77Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 7 - 2
logo
Goodwork Semiconductor ...
MMBD4448HSDW GWSEMI-MMBD4448HSDW Datasheet
1Mb / 4P
   Plastic-Encapsulate Diodes
logo
Diodes Incorporated
MMBD4448HSDW DIODES-MMBD4448HSDW Datasheet
440Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 14 - 2
logo
Weitron Technology
MMBD4448HSDW WEITRON-MMBD4448HSDW Datasheet
2Mb / 4P
   Surface Mount Switching Multi-Chip Diode Array
logo
SeCoS Halbleitertechnol...
MMBD4448HSDW SECOS-MMBD4448HSDW Datasheet
1Mb / 2P
   Surface Mount Switching Diode Array
More results

Similar Description - MMBD4448HSDWPT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S24-4148CC MICROSEMI-S24-4148CC Datasheet
67Kb / 1P
   Switching Diode Array
logo
List of Unclassifed Man...
ADA1108P ETC-ADA1108P Datasheet
581Kb / 1P
   Switching Diode Array
logo
Microsemi Corporation
MMAD1107 MICROSEMI-MMAD1107 Datasheet
58Kb / 1P
   Switching Diode Array
logo
Chenmko Enterprise Co. ...
MMBD4448FPT CHENMKO-MMBD4448FPT Datasheet
111Kb / 2P
   SWITCHING DIODE ARRAY
MMBD4448HTWPT CHENMKO-MMBD4448HTWPT Datasheet
103Kb / 2P
   SWITCHING DIODE ARRAY
MMBD4448TPT CHENMKO-MMBD4448TPT Datasheet
128Kb / 2P
   SWITCHING DIODE ARRAY
MMBD4448VPT CHENMKO-MMBD4448VPT Datasheet
110Kb / 2P
   SWITCHING DIODE ARRAY
logo
Microsemi Corporation
S16-4148 MICROSEMI-S16-4148 Datasheet
65Kb / 1P
   Switching Diode Array
MAD1104 MICROSEMI-MAD1104 Datasheet
50Kb / 1P
   Switching Diode Array
MMAD1104 MICROSEMI-MMAD1104 Datasheet
86Kb / 1P
   Switching Diode Array
MMAD1108 MICROSEMI-MMAD1108 Datasheet
77Kb / 1P
   Switching Diode Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com