Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74095-0025 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74095-0025
Description  SL??(Stackable Linear) Compliant Pin Header
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74095-0025 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74095-0025 Datasheet HTML 1Page - Molex Electronics Ltd. 74095-0025 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORDERING INFORMATION
Visit our Web site at http://www.molex.com
Americas Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, Illinois 60532 USA
630-969-4550
MARKETS AND APPLICATIONS
SAP No. 9876502792
©2009, Molex
Regional Markets, Applications and Typical Customers
Description
Order No.
Contact Area Plating
Circuits
Plant No. for Samples
SL™ (Stackable Linear)
Compliant Pin Header
2.54mm (.100”) Pitch
74095-0025
Tin
25
1399 (APS)
5102 (Europe)
3109 (Americas)
74095-0055
15u” Gold
74095-0085
30u” Gold
SL™ (Stackable Linear)
Compliant Pin Header
2.54mm (.100”) Pitch
74095
Compliant Pin Header
Industrial Equipment
Remote monitoring systems
Lab equipment
Measurement equipment
Telecommunication
Hubs
Servers
routers
Automotive
Climate control system
Infotainment system
Infotainment system
Telecommunication Servers
PCBs in industrial/telecommunication
equipments


Similar Part No. - 74095-0025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74095-0025 MOLEX8-74095-0025 Datasheet
224Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, Shrouded, 25 Circuits, Tin(Sn) Over Nickel (Ni) Plating
More results

Similar Description - 74095-0025

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-15187 SPARKFUN-PRT-15187 Datasheet
135Kb / 2P
   Feather Stackable Header Kit
4????9
logo
Molex Electronics Ltd.
93032-0010 MOLEX-93032-0010 Datasheet
233Kb / 2P
   Compliant Pin Header For Press-Fit Application
logo
SparkFun Electronics
PRT-14311 SPARKFUN-PRT-14311 Datasheet
85Kb / 1P
   ESP32 Thing Stackable Header Set
6??2??7
PRT-11417 SPARKFUN-PRT-11417 Datasheet
173Kb / 1P
   Arduino Stackable Header Kit - R3
8/3/2016
logo
Belden Inc.
CPLCCT-SLM BELDEN-CPLCCT-SLM Datasheet
311Kb / 1P
   Linear Compliant Compression Tool
logo
List of Unclassifed Man...
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
   Test Lead with Stackable Pin Tips
logo
Pomona Electronics
3901 POMONA-3901 Datasheet
29Kb / 1P
   BNC (Male) To Stackable Pin Tip Plugs
3221 POMONA-3221 Datasheet
29Kb / 1P
   BNC (Female) To Stackable Pin Tip Plugs
logo
List of Unclassifed Man...
BU-5144-A-4-0 ETC2-BU-5144-A-4-0 Datasheet
85Kb / 1P
   BNC Male Breakout to Stackable Pin Plug
BU-5244-A-4-0 ETC2-BU-5244-A-4-0 Datasheet
87Kb / 1P
   BNC Female Breakout to Stackable Pin Plug
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com