Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38969-0009 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 38969-0009
Description  TSE Single-Row Tri-Barrier Terminal Strip PC Tail Terminal Style
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

38969-0009 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  38969-0009 Datasheet HTML 1Page - Molex Electronics Ltd. 38969-0009 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
Durable tri-barrier terminal strips are available with PC tails, our most popular terminal style,
to accommodate a wide range of design requirements
12.70mm (.500”) Pitch
TSE Single-Row
Tri-Barrier Terminal Strip
PC Tail Terminal Style
38969
SPECIFICATIONS
n
Tri-barrier construction prevents short circuits and
improves isolation, which allows other components
to be placed close to the strip, conserving board
space
n
Clamp washer screw allows for the use of larger
gauge wire for higher current and voltage
applications
n
Phillips and/or slotted combination head screws is
easy to install; no special tools required
n
Molded from thermoplastic which is less brittle than
Phenolic resins
Features and Benefits
Reference Information
Packaging: Tray
UL File No.: E48521
Flammability: UL 94V-0
Designed In: Millimeters
Electrical
Voltage: 600V
Current: 50.0A
Dielectric Withstanding Voltage: 2200V AC
Insulation Resistance: 500 Megohms min.
Mechanical
Recommended Tightening Torque:
1.81Nm (16.0 in. lbs.)
Physical
Housing: PBT
Terminal: Brass (CuZn)
Screw with Clamp Washer: Steel, M4
Plating: Terminal Area – Tin (Sn)
Screw – Zinc
Wire Gauge: 8 to 20 AWG
Operating Temperature: -40 to +120°C
Barrier terminal strips provide a reliable and proven
way to wire industrial applications. Barrier strips do not
require any special tools, making them fast and easy to
wire in the field.
This TSE single-row barrier strip is Molex’s highest
power terminal block, rated for 600V at 50.0A,
bringing maximum power directly to the PCB. The dual
PC terminals into the PCB provide a robust connection.
These TSE singe-row terminal blocks may be easily
designed into applications currently utilizing the Beau
66 (38660-78XX) barrier strips.
Single-Row Tri-Barrier Terminal Strip


Similar Part No. - 38969-0009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
38969-0009 MOLEX11-38969-0009 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 9
More results

Similar Description - 38969-0009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
38969-0002 MOLEX11-38969-0002 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 2
38969-0004 MOLEX11-38969-0004 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 4
38969-0008 MOLEX11-38969-0008 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 8
38969-0009 MOLEX11-38969-0009 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 9
38969-0011 MOLEX11-38969-0011 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 11
38969-0003 MOLEX11-38969-0003 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 3
38969-0005 MOLEX11-38969-0005 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 5
38969-0014 MOLEX11-38969-0014 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 14
38969-0010 MOLEX11-38969-0010 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 10
38969-0012 MOLEX11-38969-0012 Datasheet
40Kb / 1P
   12.70mm Pitch, Single Row Tri-Barrier Terminal Strip, without Mounting Ends, 12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com