Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370CX9XFN Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS370CX9XFN
Description  8-BIT MICROCONTROLLER
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370CX9XFN Datasheet(HTML) 1 Page - Texas Instruments

  TMS370CX9XFN Datasheet HTML 1Page - Texas Instruments TMS370CX9XFN Datasheet HTML 2Page - Texas Instruments TMS370CX9XFN Datasheet HTML 3Page - Texas Instruments TMS370CX9XFN Datasheet HTML 4Page - Texas Instruments TMS370CX9XFN Datasheet HTML 5Page - Texas Instruments TMS370CX9XFN Datasheet HTML 6Page - Texas Instruments TMS370CX9XFN Datasheet HTML 7Page - Texas Instruments TMS370CX9XFN Datasheet HTML 8Page - Texas Instruments TMS370CX9XFN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TMS370Cx9x
8-BIT MICROCONTROLLER
SPNS036B – JANUARY 1996 – REVISED FEBRUARY 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D CMOS/EEPROM/EPROM Technologies on a
Single Device
– Mask-ROM Devices for High-Volume
Production
– One-Time-Programmable (OTP) EPROM
Devices for Low-Volume Production
– Reprogrammable EPROM Devices for
Prototyping Purposes
D Internal System Memory Configurations
– On-Chip Program Memory Versions
– ROM: 4K Bytes
– EPROM: 8K Bytes
– Data EEPROM: 256 Bytes
– Static RAM: 128 Bytes Usable as
Registers
D Flexible Operating Features
– Low-Power Modes: STANDBY and HALT
– Commercial, Industrial, and Automotive
Temperature Ranges
– Clock Options:
– Divide-by-4 (0.5 MHz – 5 MHz SYSCLK)
– Divide-by-1 (2 MHz – 5 MHz SYSCLK)
PLL
– Supply Voltage (VCC): 5 V ± 10%
D 15-Channel 8-Bit A/D Converter 3
D 16-Bit General-Purpose Timer
– Software Configurable as
a 16-Bit Event Counter, or
a 16-Bit Pulse Accumulator, or
a 16-Bit Input Capture Function, or
Two Compare Registers, or
a Self-Contained
Pulse-Width-Modulation (PWM) Function
– 8-Bit Prescaler, Providing a 24-Bit
Real-Time Timer
D On-Chip 24-Bit Watchdog Timer
– EPROM/OTP Devices: Standard
Watchdog
– Mask ROM Devices: Hard Watchdog,
Simple Counter, or Standard Watchdog
D TMS370 Series Compatibility
– Instructions Upwardly Compatible With
All TMS370 Devices
– Register-to-Register Architecture
– 128 or 256 General-Purpose Registers
– 14 Powerful Addressing Modes
D Flexible Interrupt Handling
D CMOS/Package /TTL-Compatible I/O Pins
– 40- and 44-Pin Plastic and Ceramic
Shrink Dual-In-Line and Leaded Chip
Carrier Packages / 16 Bidirectional;
9 Input Pins
– All Peripheral Function Pins Are
Software Configurable for Digital I / O
D Workstation/PC-Based Software
Development System
– C Compiler and C Source Debugger
– Real-Time In-Circuit Emulation
– Extensive Breakpoint / Trace Capability
– Software Performance Analysis
– Multi-Window User Interface
– Microcontroller Programmer
41
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A3
A4
A5
A6
A7
RESET
INT1
VCC
VCC3
VSS3
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
AN8
AN9
A2
A1
A0
T1EVT
T1PWM
MC
T1IC/CR
XTAL2/CLKIN
XTAL1
VSS
D7
D5
D4
D6
D3
AN14
AN13
AN12
AN11
AN10
JC AND NJ PACKAGES
(TOP VIEW)
MC
T1IC/CR
XTAL2/CLKIN
NC
XTAL1
VSS
D7
D5
D4
D6
D3
39
38
37
36
35
34
33
32
31
30
29
18 19
7
8
9
10
11
12
13
14
15
16
17
RESET
INT1
VCC
VCC3
VSS3
AN0
AN1
AN2
AN3
AN4
NC
20 21 22 23
FN AND FZ PACKAGES
( TOP VIEW )
54
3 2
1
644
42
40
43
24 25 26 27 28
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated


Similar Part No. - TMS370CX9XFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370CX9X TI1-TMS370CX9X Datasheet
811Kb / 55P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370CX9X TI1-TMS370CX9X_05 Datasheet
811Kb / 55P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370CX9XFN

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com