Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5222BPT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # MMSZ5222BPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

MMSZ5222BPT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  MMSZ5222BPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. MMSZ5222BPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. MMSZ5222BPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. MMSZ5222BPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. MMSZ5222BPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS ( MMSZ5221BPT THRU MMSZ5270BPT )
Test
Maximum Zener impedance
Maximum
Type
Max
Nom
Min
Volts
Volts
Volts
Maximum
Zener voltage
current
reverse leakage current temperature
coefficient
regulator
VZ (V) @ IZT
current
ZZT
at
at
at
at IZT
ZZK
IZK
IR
at VR
TA= 25
oC
TA= 50
oC
IZT (mA)
( )
( )
(mA)
(uA)
(V)
VZ
(%/
oC)
IZM (mA)
TYPE
13.8
12.6
11.6
10.6
+0.093
+0.094
+0.095
+0.095
27
30
33
36
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
700
800
900
1000
95
130
93
105
5
5
3.0
2.7
34.20
37.05
40.85
44.65
36
39
43
47
37.80
40.95
45.15
49.35
MMSZ5258BPT
MMSZ5259BPT
MMSZ5260BPT
MMSZ5261BPT
9.7
8.9
11.6
-
+0.096
+0.096
+0.097
+0.097
39
43
46
47
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
1100
1300
1400
1400
125
150
170
185
2.5
2.2
2.1
2.0
48.45
53.20
57.00
58.90
51
56
60
62
53.55
58.80
63.00
65.10
MMSZ5262BPT
MMSZ5263BPT
MMSZ5264BPT
MMSZ5265BPT
-
+0.097
52
0.1
0.25
1600
230
1.8
64.60
68
71.40
MMSZ5266BPT
-
-
-
-
+0.098
+0.098
+0.099
+0.099
56
62
68
69
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
1700
2000
2200
2300
270
330
370
400
1.7
1.5
1.4
1.4
71.25
77.90
82.65
86.45
75
82
87
91
78.75
86.10
91.35
95.55
MMSZ5267BPT
MMSZ5268BPT
MMSZ5269BPT
MMSZ5270BPT


Similar Part No. - MMSZ5222BPT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5222B PANJIT-MMSZ5222B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
MMSZ5222B TSC-MMSZ5222B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
logo
Micro Commercial Compon...
MMSZ5222B MCC-MMSZ5222B Datasheet
411Kb / 4P
   500 mW Zener Diodes 2.4 to 39 Volts
logo
Yea Shin Technology Co....
MMSZ5222B YEASHIN-MMSZ5222B Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
Weitron Technology
MMSZ5222B WEITRON-MMSZ5222B Datasheet
244Kb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - MMSZ5222BPT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com