Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMHZ5233BPT Datasheet(PDF) 4 Page - Chenmko Enterprise Co. Ltd.

Part # MMHZ5233BPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

MMHZ5233BPT Datasheet(HTML) 4 Page - Chenmko Enterprise Co. Ltd.

  MMHZ5233BPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. MMHZ5233BPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. MMHZ5233BPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. MMHZ5233BPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. MMHZ5233BPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATING CHARACTERISTIC CURVES ( MMHZ5221BPT THRU MMHZ5270BPT )
FIG. 2 - TEMPERATURE COEFFICIENTS)
(TEMPERATURE RANGE 55
oC TO +150oC)
FIG. 1 - TEMPERATURE COEFFICIENTS)
(TEMPERATURE RANGE 55
oC TO +150oC)
FIG. 3 - EFFECT OF ZENER VOLTAGE ON
ZENER IMPEDANCE
FIG. 4 - TYPICAL FORWARD VOLTAGE
-3
-2
-1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
100
10
1
10
100
100
10
1
1000
100
10
1
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75V (MMHZ5267BPT)
91V (MMHZ5270BPT)
VZ NOMINAL ZENER VOLTAGE ( V )
VZ NOMINAL ZENER VOLTAGE ( V )
TYPICAL TC VALUES
FOR MMHZ5221BPT SERIES
VZ NOMINAL ZENER VOLTAGE ( V )
VF FORWARD VOLTARGE ( V )
VZ @ IZT
TYICAL TC VALUES
FOR MMHZ5221BPT SERIES
VZ @ IZT
IZ= 1mA
5mA
20mA
TJ=25
oC
IZ(AC)=0.1IZ(DC)
f=1KHZ
150
oC
75
oC
25
oC
0
oC


Similar Part No. - MMHZ5233BPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
MMHZ5233SPT CHENMKO-MMHZ5233SPT Datasheet
259Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
More results

Similar Description - MMHZ5233BPT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com