Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMKZ5267BPT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # MMKZ5267BPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

MMKZ5267BPT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  MMKZ5267BPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. MMKZ5267BPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. MMKZ5267BPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. MMKZ5267BPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. MMKZ5267BPT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS ( MMKZ5221BPT THRU MMKZ5270BPT )
Test
Maximum Zener impedance
Maximum
Type
Max
Nom
Min
Volts
Volts
Volts
Maximum
Zener voltage
current
reverse leakage current temperature
coefficient
regulator
VZ (V) @ IZT
current
ZZT
at
at
at
at IZT
ZZK
IZK
IR
at VR
TA= 25
oC
TA= 50
oC
IZT (mA)
( )
( )
(mA)
(uA)
(V)
VZ
(%/
oC)
IZM (mA)
TYPE
13.8
12.6
11.6
10.6
+0.093
+0.094
+0.095
+0.095
27
30
33
36
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
700
800
900
1000
95
130
93
105
5
5
3.0
2.7
34.20
37.05
40.85
44.65
36
39
43
47
37.80
40.95
45.15
49.35
MMKZ5258BPT
MMKZ5259BPT
MMKZ5260BPT
MMKZ5261BPT
9.7
8.9
11.6
-
+0.096
+0.096
+0.097
+0.097
39
43
46
47
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
1100
1300
1400
1400
125
150
170
185
2.5
2.2
2.1
2.0
48.45
53.20
57.00
58.90
51
56
60
62
53.55
58.80
63.00
65.10
MMKZ5262BPT
MMKZ5263BPT
MMKZ5264BPT
MMKZ5265BPT
-
+0.097
52
0.1
0.25
1600
230
1.8
64.60
68
71.40
MMKZ5266BPT
-
-
-
-
+0.098
+0.098
+0.099
+0.099
56
62
68
69
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
1700
2000
2200
2300
270
330
370
400
1.7
1.5
1.4
1.4
71.25
77.90
82.65
86.45
75
82
87
91
78.75
86.10
91.35
95.55
MMKZ5267BPT
MMKZ5268BPT
MMKZ5269BPT
MMKZ5270BPT


Similar Part No. - MMKZ5267BPT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMK ETC-MMK Datasheet
96Kb / 21P
   Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
Omron Electronics LLC
MMK OMRON-MMK Datasheet
2Mb / 14P
   Mechanically Latching Relays Based on the MM Power Relay
logo
List of Unclassifed Man...
MMK10 ETC-MMK10 Datasheet
96Kb / 21P
   Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
logo
MacMic
MMK100T160UX MACMIC-MMK100T160UX Datasheet
741Kb / 5P
   1600V 100A Three Phase DiodeThyristor Module
More results

Similar Description - MMKZ5267BPT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com