Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3RG-19-180 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # 3RG-19-180
Description  180 WATT POWER ADAPTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

3RG-19-180 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  3RG-19-180 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower 3RG-19-180 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRI PTI O N
The 3G & 3RG series of AC/DC desktop power
adapters
are
capable
of
delivering
180
watts
continuous DC power. They are enclosed in a
94V-1 rated polyphenylene-oxide case with an IEC
320/C14
or
IEC
320/C6
inlet
to
mate
with
interchangeable
cord
for
world-wide
use.
All
model meet CISPR 22 and FCC class B emission
limits, and comply with UL, CSA, IEC and CE
requirements.
FEAT URES
‧ High Efficiency
‧ Low Ripple & Noise
‧ Ov erv o ltage protection
‧ Short-circuit protection
‧ Ov erpow er protection
‧ Ov er temperature protection
‧ 100% burn-in at full rated load
‧ Compliant w i th CEC and Energy S tar efficiency
lev e l IV requirement s
‧ No load pow er consumption less than 0.5W
‧ Av erage activ e efficiency
≥ 85%
‧ Compliant w i th RoHS requirements
INPUT SPECIFICAT IONS
Input v o lt age :
90 to 264VAC
Input frequency :
47 to 63 Hz
Input current :
2.5A ( rms ) for 115VAC
1.25A ( rms ) for 230VAC
Earth leakage current:
150µA max. @ 115VAC, 60Hz
(Touch current)
250µA max. @ 230VAC, 50Hz
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
See rating chart
Ripple and noise:
380mV peak to peak maximum
Ov erv o lt age protection : Set at 110-140% of its nominal
output voltage
Ov ercurrent protection : All models protected to short
circuit conditions
Te mperature
coefficient :
All outputs ±0.04%/ºC maximum
Tr ansient response :
Maximum excursion of 4% or
better on all models, recovering
to 1% of final value within 500µs
after a 25% step load change
ENVIRONMENTA L SPECIFICAT IONS
Operating temperature :
S t orage temperature :
Relativ e humidity :
Safety Standard Approvals :
GENERAL SPECIFICATIONS
Hold-up time:
Turn on delay time:
5 msec minimum at 100VAC or
240VAC
3 sec maximum at 100VAC
Power Factor:
0.95 typical
Efficiency:
87% minimum at 100VAC or 240VAC.
Line regulation:
±0.5% maximum at full load
Inrush current:
120A max. @ 240VAC cold start
Withstand voltage: 3000VAC from input to output
1500VAC from input to ground
MTBF:
100,000 hours at full load at
25ºC ambient, calculated per
MIL-HDBK- 217F
EMC Performance (EN55024)
EN55022:
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000-3-2:
Harmonic distortion, Class D
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ±8KV air and ±4KV cont act
EN61000-4-3:
Radiated immunity, 3V/m
EN61000-4-4:
Fast transient/burst, ±1KV
EN61000-4-5:
Surge, ±1KV dif f, ±2KV com.
EN61000-4-6:
Conducted immunity, 3V rms
EN61000-4-8:
Magnetic field immunity, 1A/m
EN61000-4-11 :
Vo lt age dip s , 30% reduction for
500ms and >95% reduction for
10ms
RoHS
UL 60950
CSA C22.2 No. 60950
TÜV EN60950-1
TRUMPower
180 WATT POWER ADAPTERS
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
0ºC to +40ºC
-20ºC to +80ºC
10% to 90% non-condensing
3G & 3RG SERIES


Similar Part No. - 3RG-19-180

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
3RG4013-3AG04-PF PF-3RG4013-3AG04-PF Datasheet
185Kb / 3P
   Inductive proximity switch
3RG4612-0NB00-PF PF-3RG4612-0NB00-PF Datasheet
233Kb / 2P
   Inductive analog sensor
logo
Siemens Semiconductor G...
3RG6451-3CC00 SIEMENS-3RG6451-3CC00 Datasheet
650Kb / 14P
   SIMATIC PXS sonar proximity switches
3RG6451-3DC00 SIEMENS-3RG6451-3DC00 Datasheet
650Kb / 14P
   SIMATIC PXS sonar proximity switches
3RG6451-3NN00 SIEMENS-3RG6451-3NN00 Datasheet
650Kb / 14P
   SIMATIC PXS sonar proximity switches
More results

Similar Description - 3RG-19-180

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
3G TRUMPOWER-3G Datasheet
217Kb / 2P
   180 WATT POWER ADAPTERS
TMP180 TRUMPOWER-TMP180 Datasheet
78Kb / 2P
   180 WATT MEDICAL POWER ADAPTERS
TRA150 TRUMPOWER-TRA150 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
TRA150-180 TRUMPOWER-TRA150-180 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
TUP110 TRUMPOWER-TUP110 Datasheet
183Kb / 2P
   110 WATT POWER ADAPTERS
3F-12-150 TRUMPOWER-3F-12-150 Datasheet
213Kb / 2P
   150 WATT POWER ADAPTERS
3RE TRUMPOWER-3RE Datasheet
226Kb / 2P
   120 WATT POWER ADAPTERS
3F TRUMPOWER-3F Datasheet
213Kb / 2P
   150 WATT POWER ADAPTERS
3RE-12-96 TRUMPOWER-3RE-12-96 Datasheet
226Kb / 2P
   120 WATT POWER ADAPTERS
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
   150 WATT MEDICAL POWER ADAPTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com