Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUP80-12 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # PUP80-12
Description  60-130 WATT DESKTOP POWER ADAPTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PUP80-12 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  PUP80-12 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PUP80-12 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
60-130 WATT DESKTOP POWER ADAPTERS
DESCRIPTION
The PUP60/80/130 series of AC/DC switching power supplies
are for 60 to 130 watts of continuous output power. They are
enclosed in a 94V-1 rated polyphenylene-oxide case with an IEC
320 inlet to mate with interchangeable cord for world-wide use.
An on/off switch can be added at request. All models meet
CISPR 22 and FCC class B emission limits, and comply with UL,
CSA, IEC and CE requirements.
FEAT URES
‧ O p t i onal out put connect ors
‧ O p t i onal on/of f sw it ch
‧ 100 ﹪ burn-in at full rated load
‧ Auto-ranging input
‧ Input surge curr ent pr otection
‧ O v ervolt age pr ot ect ion
‧ Over curr ent pr otection
‧ Therm al pr otection
INPUT SPECIFICATIONS
Input voltage :
90 to 130 VA C or 180 to 260 VA C
( a uto- r a nging)
Input fr equency :
47 to 63 Hz
Input curr ent :
P U P 60/80 Series:
1. 8A ( rm s ) for 1 15VAC
1. 0A ( rm s ) for 230VAC
P U P 130 Series:
3. 0m A ( r m s) for 1 15VAC
1. 7A ( rm s ) for 230VAC
Leak age curr ent :
0. 40m A m a x. @ 1 15VAC, 60Hz
0. 80m A m a x. @ 230VAC, 50Hz
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Output power range:
See rating chart
Ripple and noise:
1﹪ peak to peak maximum
Overvoltage protection:
Provided on output; set at 112 -
132﹪ of its nominal output
voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04﹪ /℃
maximum
Transient response:
Maximum excursion of 4﹪ or
better on all models, recovering
to 1﹪ of final value within 500us
after a
25﹪ step load change
ENVIRONMENTAL SPECIFICATIONS
Operating tem p eratur e : 0℃ to +40℃ (PUP60/80 series)
0℃ to +50℃ (PUP130 series)
St orage t e m p erat u r e :
-4 0 ℃
to +85 ℃
Relative hum idity :
5 ﹪
to 95 ﹪
non- condensing
PUP60/80/130 SERIES
Safety St andard Approval s :
Tumbler Technologies + TRUMPower
3350 Scott Blvd ., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpow er.com ● www.TRUMPower.com
(
LVD+EMC)
TÜV EN60950-1
GENERAL SPECIFICATIONS
Switching frequency:
60KHz to 75KHz
Efficiency:
70 ﹪ minimum on Vo
≧ 12V ,
65% minimum on the others
Hold-up time:
PUP60/80 SERIES:
PUP130 SERIES:
15 msec minimum at 110VAC
10 msec minimum at 110VAC
Line regulation:
±0.5﹪ maximum at full load
Inrush current:
15 amps @ 115VAC, or 30 amps @
230VAC, at 25℃ cold start
Withstand voltage:
3000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
PUP60/PUP80 300,000 hours
minimum, PUP130 400,000 hours
minimum at full load at 25℃
ambient, calculated per
MIL-HDBK-217F, excluding DC
fan.
EMC performance (EN55024)
EN55022:
Class B conducted, class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000- 3- 2:
Harmonic distortion, Class A
EN61000- 3- 3:
Line flicker
EN61000- 4- 2:
ESD, ± 8KV air and ± 4KV contact
EN61000- 4- 3:
Radiated immunity, 3V/m
EN61000- 4- 4:
Fast transient/burst, ± 1KV
EN61000- 4- 5:
Surge, ± 1KV diff., ± 2KV com.
EN61000- 4- 6:
Conducted immunity, 3Vrms
EN61000- 4- 8:
Magnetic field immunity, 1A/m
EN61000- 4- 11 :
Voltage dips,
30 ﹪ reduction
for
500ms and >95﹪ reduction for 10ms
UL 60950-1
CSA C22.2 No. 60950-1


Similar Part No. - PUP80-12

ManufacturerPart #DatasheetDescription
logo
Powerbox
PUP110-10 POWERBOX-PUP110-10 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
PUP110-12 POWERBOX-PUP110-12 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
PUP110-13 POWERBOX-PUP110-13 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
PUP110-14 POWERBOX-PUP110-14 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
PUP110-16 POWERBOX-PUP110-16 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
More results

Similar Description - PUP80-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
SPU50 ASTRODYNE-SPU50 Datasheet
1Mb / 3P
   40-60 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
3C-05-25 TRUMPOWER-3C-05-25 Datasheet
23Kb / 1P
   14 to 60 Watt Desktop Power Adapters
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
logo
Astrodyne Corporation
SPU24 ASTRODYNE-SPU24 Datasheet
994Kb / 3P
   24 Watt Desktop Switching Power Adapters
SPU15A ASTRODYNE-SPU15A Datasheet
918Kb / 5P
   15 Watt Desktop Switching Power Adapters
SPU45 ASTRODYNE-SPU45 Datasheet
1Mb / 4P
   45 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TRA42 TRUMPOWER-TRA42 Datasheet
77Kb / 1P
   42 Watt, 1-2 Output Desktop Power Adapters
TMP60 TRUMPOWER-TMP60 Datasheet
241Kb / 2P
   30-60 WATT MEDICAL POWER ADAPTERS
SPU45E TRUMPOWER-SPU45E Datasheet
58Kb / 1P
   Desktop Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com