Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB157PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # RB157PT
Description  SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

RB157PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  RB157PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. RB157PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* High reverse voltage to 1000V
* Surge overload rating - 50 Amperes peak
* Good for printed circuit board assembly
Case: JEDEC RB-15 molded plastic
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Mounting position: Any
Polarity: Polarity symbols marked on body
Weight: 1.04 grams
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
RB151PT
THRU
RB157PT
RB-15
RB-15
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 1.5 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
2001-6
CHARACTERISTICS
SYMBOL
UNITS
1.0
10
@ TA = 25
oC
uAmps
0.2
mAmps
Volts
Maximum Instantaneous Forward Voltage at 1.0 A DC
Maximum Reverse Current at rated
DC blocking Voltage per element
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TA = 25
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
VF
IR
TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
RB151PT
50
35
50
RB153PT
200
140
200
RB154PT
280
400
400
600
420
600
800
560
800
1000
700
1000
1.5
50
-55 to +150
Amps
oC
Operating Temperature Range
TJ
-55 to +125
oC
RB152PT
100
70
100
@ TA = 100
oC
.360(9.1)
.032(0.8)
.028(0.7)
.220(5.6)
.180(4.6)
.340(8.6)
.150(3.8)
.130(3.3)
1.2
(30.5)
MIN.
1.0
(25.4)
MIN.
.220(5.6
.180(4.6)
POS.
LEAD
RB155PT RB156PT RB157PT
RB151PT
RB153PT RB154PT
RB152PT
RB155PT RB156PT RB157PT


Similar Part No. - RB157PT

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RB157 RECTRON-RB157 Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
UNIOHM CORPORATION
RB157 UNIOHM-RB157 Datasheet
60Kb / 2P
   SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Continental Device Indi...
RB157 CDIL-RB157 Datasheet
190Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Semtech Corporation
RB157 SEMTECH-RB157 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
MIC GROUP RECTIFIERS
RB157 MIC-RB157 Datasheet
101Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - RB157PT

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
   SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC3506TW GENESIC-GBPC3506TW Datasheet
351Kb / 4P
   Silicon Bridge Rectifier
GBU15J GENESIC-GBU15J Datasheet
344Kb / 3P
   Silicon Bridge Rectifier
KBJ4005G GENESIC-KBJ4005G Datasheet
326Kb / 3P
   Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G Datasheet
308Kb / 3P
   Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Chenmko Enterprise Co. ...
KBU8APT CHENMKO-KBU8APT Datasheet
81Kb / 2P
   SILICON BRIDGE RECTIFIER
W005LPT CHENMKO-W005LPT Datasheet
87Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
   Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com