Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T3-1D1524N Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # T3-1D1524N
Description  DC/DC CONVERTERS 8-pin DIP, 0.25 to 1.5 Watts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

T3-1D1524N Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  T3-1D1524N Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OUTPUT
VOLTAGE
OUTPUT
POWER
OUTPUT
CURRENT
24 VDC IN
12 VDC IN
5 VDC IN
T3-1S053.3N
T3-1S0505N
T3-1S0512N
T3-1S0515N
T3-1S0524N
T3-1D053.3N
T3-1D0505N
T3-1D0512N
T3-1D0515N
T3-1D0524N
15 VDC IN
MODEL NUMBER
T3-1S123.3N
T3-1S1205N
T3-1S1212N
T3-1S1215N
T3-1S1224N
T3-1D123.3N
T3-1D1205N
T3-1D1212N
T3-1D1215N
T3-1D1224N
T3-1S153.3N
T3-1S1505N
T3-1S1512N
T3-1S1515N
T3-1S1524N
T3-1D153.3N
T3-1D1505N
T3-1D1512N
T3-1D1515N
T3-1D1524N
T3-1S243.3N
T3-1S2405N
T3-1S2412N
T3-1S2415N
T3-1S2424N
T3-1D243.3N
T3-1D2405N
T3-1D2412N
T3-1D2415N
T3-1D2424N
303 mA
200 mA
83 mA
67 mA
42 mA
±152 mA
±100 mA
±42 mA
±33 mA
±21 mA
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
±3.3 VDC
±5 VDC
±12 VDC
±15 VDC
±24 VDC
48V input, 0.25-1.5W versions and other input/output combinations available.
Rev. C -01/2008-
1W
1W
1W
1W
1W
1W
1W
1W
1W
1W
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage Range................................................±10%
Input Filter.........................................................Capacitor
OUTPUT SPECIFICATIONS
Voltage Accuracy.............................................±3%, Max.
Output Current.................................................See Table
Line Regulation, FL.............................±1.2%/%Vin, Max.
Load Regulation, FL-20%FL...........................±10%, Max.
Ripple and Noise, 20MHz BW................100 mVp-p, Max.
Short Circuit Protection..................................1 Sec. Max.
GENERAL SPECIFICATIONS
Efficiency...........................................................72 - 78%
Isolation Voltage.............................1,000 VDC, Standard
3,000 VDC, Suffix "H"
Switching Frequency.....................................80 kHz, Typ.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature Range................-25°C to +71°C
Storage Temperature Range..................-40°C to +125°C
Cooling..............................................Free Air Convection
PHYSICAL SPECIFICATIONS
Dimensions....................................0.50*0.40 * 0.28 inch
Weight....................................................................0.1 oz.
Case Material....................Non-Conductive Black Plastic
0.20
(5.1)
0.50
(12.7)
0.30
(7.6)
0.40
(10.16)
0.12
(3.05)
4
1
5
78
0.30
(7.6)
0.28
(7.0)
PIN SIZE: 0.02 INCH (0.5 mm) DIA.
ALL DIMENSIONS IN INCHES (mm)
BOTTOM
VIEW
PIN
DUAL
SINGLE
PIN CONNECTIONS
-V Input
+V Input
+V Output
-V Output
No Pin
-V Input
+V Input
+V Output
Common
-V Output
1
4
5
7
8
T
TRUMPower
DC/DC CONVERTERS
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
T3-N Series
8-pin DIP, 0.25 to 1.5 Watts


Similar Part No. - T3-1D1524N

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
T3-1D1524N TRUMPOWER-T3-1D1524N Datasheet
15Kb / 1P
   DC/DC CONVERTERS
More results

Similar Description - T3-1D1524N

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
T2-1S0505 TRUMPOWER-T2-1S0505 Datasheet
78Kb / 1P
   DC/DC CONVERTERS 24-pin DIP, 1.5 to 3 Watts
logo
Murata Power Solutions ...
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
   1.5 Watts Unregulated DC/DC Converters
logo
Tumbler Technologies + ...
TS1-1S0505N TRUMPOWER-TS1-1S0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 4-pin SIP, 0.25 to 1 Watt
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
TAW-3S243.3 TRUMPOWER-TAW-3S243.3 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 24-pin DIP, 1.5-3 Watt
TAA-1S0505 TRUMPOWER-TAA-1S0505 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
logo
AIMTEC
AMQL-N AIMTEC-AMQL-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
logo
Tumbler Technologies + ...
T2-1S0505H5 TRUMPOWER-T2-1S0505H5 Datasheet
24Kb / 1P
   DC/DC CONVERTERS 5.2K VDC Isolation, 1.5-3 Watts
logo
RSG Electronic Componen...
EC2A01N RSG-EC2A01N Datasheet
1,002Kb / 1P
   1.0 TO 1.5 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com