Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM34LPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # SCM34LPT
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

SCM34LPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  SCM34LPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SCM34LPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( SCM34LPT )
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2 - MAXIMUM NON-REPETIVE FORWARD
SURGE CURRENT
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
INSTANTANEOUS REVERSE VOLTAGE, (V)
LEAD TEMPERATURE, (
oC )
3.0
2.0
2.5
1.5
1.0
0.5
0
10
100
500
.1
.4
1.0
4
10
40
80
0
25
50
75
100
125
150
175
Single
Half Wave 60HZ
Resistive or
Inductive Load
TJ =25
oC
NUMBER OF CYCLES AT 60 Hz
0
20
40
60
80
100
120
100
1
2
5
10
20
50
8.3ms Single Half Sine-Wave
(JEDEC Method)
FIG. 4 - INSTANTANEOUS FORWARD CURRENT, (A)
INSTANTANEOUS FORWARD VOLTAGE,(V)
100
10
1.0
0.1
0
.2
.4
.6
.8
1.0
1.2
1.4
Pulse Width = 300uS
1% Duty Cycle
TJ =25
oC
.1
.01
1.0
10
100
1000
0
10
20
30
40
50
TJ = 100
oC
TJ = 25
oC


Similar Part No. - SCM34LPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
SCM34LHPT CHENMKO-SCM34LHPT Datasheet
81Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SCM34LPT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com