Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA0152 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0152
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0152 Datasheet(HTML) 3 Page - Texas Instruments

  TPA0152 Datasheet HTML 1Page - Texas Instruments TPA0152 Datasheet HTML 2Page - Texas Instruments TPA0152 Datasheet HTML 3Page - Texas Instruments TPA0152 Datasheet HTML 4Page - Texas Instruments TPA0152 Datasheet HTML 5Page - Texas Instruments TPA0152 Datasheet HTML 6Page - Texas Instruments TPA0152 Datasheet HTML 7Page - Texas Instruments TPA0152 Datasheet HTML 8Page - Texas Instruments TPA0152 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TPA0152
2-W STEREO AUDIO POWER AMPLIFIER
WITH DIGITAL VOLUME CONTROL
SLOS246B – JUNE 1999 – REVISED MARCH 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
TSSOP†
(PWP)
–40
°C to 85°C
TPA0152PWP
† The PWP package is available taped and reeled. To order a taped and reeled part,
add the suffix R to the part number (e.g., TPA0152PWPR).
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BYPASS
11
Tap to voltage divider for internal mid-supply bias generator
CLK
17
I
If a 47-nF capacitor is attached, the TPA0152 generates an internal clock. An external clock can override the
internal clock input to this terminal.
DOWN
3
I
A momentary pulse on this terminal decreases the volume level by 2 dB. Holding the terminal low for a period
of time will step the amplifier through the volume levels at a rate determined by the capacitor on the CLK
terminal.
GND
1, 12
13, 24
Ground connection for circuitry. Connected to thermal pad
LHPIN
6
I
Left-channel headphone input, selected when SE/BTL is held high
LIN
10
I
Common left input for fully differential input. AC ground for single-ended inputs
LLINEIN
5
I
Left-channel line negative input, selected when SE/BTL is held low
LOUT+
4
O
Left-channel positive output in BTL mode and positive in SE mode
LOUT–
9
O
Left-channel negative output in BTL mode and high impedance in SE mode
PC-BEEP
14
I
The input for PC Beep mode. PC-BEEP is enabled when a > 1-V (peak-to-peak) square wave is input to
PC-BEEP or PCB ENABLE is high.
PVDD
7, 18
I
Power supply for output stage
RHPIN
20
I
Right channel headphone input, selected when SE/BTL is held high
RIN
8
I
Common right input for fully differential input. AC ground for single-ended inputs
RLINEIN
23
I
Right-channel line input, selected when SE/BTL is held low
ROUT+
21
O
Right-channel positive output in BTL mode and positive in SE mode
ROUT–
16
O
Right-channel negative output in BTL mode and high impedance in SE mode
SE/BTL
15
I
Input MUX control input. When this terminal is held high, the LHPIN or RHPIN and SE output is selected. When
this terminal is held low, the LLINEIN or RLINEIN and BTL output are selected.
SHUTDOWN
22
I
When held low, this terminal places the entire device, except PC-BEEP detect circuitry, in shutdown mode.
UP
2
I
A momentary pulse on this terminal increases the volume level by 2 dB. Holding the terminal low for a period
of time will step the amplifier through the volume levels at a rate determined by the capacitor on the CLK
terminal.
VDD
19
I
Analog VDD input supply. This terminal needs to be isolated from PVDD to achieve highest performance.


Similar Part No. - TPA0152

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0152 TI1-TPA0152 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152PWP TI1-TPA0152PWP Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152PWPR TI1-TPA0152PWPR Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results

Similar Description - TPA0152

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com