Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG3000GX-90DA Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FG3000GX-90DA
Description  HIGH POWER INVERTER USE PRESS PACK TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FG3000GX-90DA Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FG3000GX-90DA Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FG3000GX-90DA Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FG3000GX-90DA Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FG3000GX-90DA Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Aug.1998
4.0
10
100
10
8
1.5
2500
0.013
V
mA
mA
mA
V/
µs
µs
A
V
mA
°C/W
On-state voltage
Repetitive peak reverse current
Repetitive peak off-state current
Reverse gate current
Critical rate of rise of off-state voltage
Turn-on time
Peak gate turn-off current
Gate trigger voltage
Gate trigger current
Thermal resistance
Tj = 125
°C, ITM = 3000A, Instantaneous measurment
Tj = 125
°C, VRRM Applied
Tj = 125
°C, VDRM Applied, VGK = –2V
Tj = 125
°C, VRG = 17V
Tj = 125
°C, VD = 2250V, VGK = –2V
Tj = 125
°C, ITM = 3000A, IGM = 25A, VD = 3400V
Junction to fin
MITSUBISHI GATE TURN-OFF THYRISTORS
FG3000GX-90DA
HIGH POWER INVERTER USE
PRESS PACK TYPE
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test conditions
Limits
Min
Typ
Max
Unit
VTM
IRRM
IDRM
IRG
dv/dt
tgt
IGQM
VGT
IGT
Rth(j-f)
tgq
Turn-off time
Tj = 125
°C, ITM = 3000A, VDM = 4500V, diGQ/dt = –40A/µs
VRG = 17V, CS = 3.0
µF, LS = 0.25µH
DC METHOD : VD = 24V, RL = 0.1
Ω, Tj = 25°C
—30
µs
720
1000
PERFORMANCE CURVES
0
1.0
2.0
3.0
4.0
5.0
6.0
102
103
2
3
4
5
7
104
2
3
4
5
7
Tj = 125°C
100
23
5 7 101
10
5
23
44 5 7 102
15
20
25
0
0.025
0
23
10–3
5710–2
23
100
57101
23 5 710–1 23 5 7 100
0.010
0.015
0.020
0.005
103
10–1
101
102
102
7
5
3
2
100
7
5
3
2
101
7
5
3
2
7
5
3
2
103
23 5 7
23 5 7
10–1
100
23 5 7
23 5 7
VFGM = 10V
VGT = 1.5V
PFG(AV) = 130W
IFGM = 130A
Tj = 25°C
PFGM = 520W
IGT = 2.5A
ON-STATE VOLTAGE (V)
MAXIMUM ON-STATE CHARACTERISTIC
CONDUCTION TIME
(CYCLES AT 60Hz)
RATED SURGE ON-STATE CURRENT
TIME (s)
MAXIMUM THERMAL IMPEDANCE
CHARACTERISTIC
(JUNCTION TO FIN)
GATE CURRENT (mA)
GATE CHARACTERISTICS


Similar Part No. - FG3000GX-90DA

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FG3000GX-90DA POWEREX-FG3000GX-90DA Datasheet
157Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results

Similar Description - FG3000GX-90DA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FGR3000FX-90DA MITSUBISHI-FGR3000FX-90DA Datasheet
82Kb / 5P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000GX-90DA MITSUBISHI-FG4000GX-90DA Datasheet
68Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FGC3500AX-120DS POWEREX-FGC3500AX-120DS Datasheet
36Kb / 3P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
GCU04AA-130 MITSUBISHI-GCU04AA-130 Datasheet
71Kb / 6P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG2000FX-50DA MITSUBISHI-FG2000FX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000EX-50DA MITSUBISHI-FG4000EX-50DA Datasheet
72Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FG4000HX-90DS MITSUBISHI-FG4000HX-90DS Datasheet
71Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG3000GX-90DA POWEREX-FG3000GX-90DA Datasheet
157Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
FGC1500A-130DS POWEREX-FGC1500A-130DS Datasheet
45Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Mitsubishi Electric Sem...
FG4000BX-90DA MITSUBISHI-FG4000BX-90DA Datasheet
65Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG4000EX-50DA POWEREX-FG4000EX-50DA Datasheet
79Kb / 4P
   HIGH POWER INVERTER USE PRESS PACK TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com