Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD6-30D1212 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TD6-30D1212
Description  DC/DC CONVERTERS 2:1 Input, 25-30 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TD6-30D1212 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TD6-30D1212 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
OUTPUT
VOLTAGE
Rev. A 01/2008
OUTPUT
CURRENT
OUTPUT
POWER
18-36 VDC IN
36-72 VDC IN
9-18 VDC IN
TD6-16S123.3
TD6-25S1205
TD6-30S1212
TD6-30S1215
TD6-25D1205
TD6-30D1212
TD6-30D1215
TD6-25T120512
TD6-25T120515
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
5/±12 VDC
5/±15 VDC
TD6 Series
2:1 Input, 25-30 Watt
Tumbler Technologies+TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
5000 mA
5000 mA
2500 mA
2000 mA
±2500 mA
±1250 mA
±1000 mA
3500/±310 mA
3500/±250 mA
16.5W
25W
30W
30W
25W
30W
30W
25W
25W
TD6-16S483.3
TD6-25S4805
TD6-30S4812
TD6-30S4815
TD6-25D4805
TD6-30D4812
TD6-30D4815
TD6-25T480512
TD6-25T480515
TD6-16S243.3
TD6-25S2405
TD6-30S2412
TD6-30S2415
TD6-25D2405
TD6-30D2412
TD6-30D2415
TD6-25T240512
TD6-25T240515
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Nominal Line, 9-18V Input................................12 VDC
18-36V Input..............................24 VDC
36-72V Input..............................48 VDC
Input Filter........................................................Pi Filter
OUTPUT SPECIFICATIONS
Voltage Accuracy, Single..............................±2%, Max.
Dual +Output...................±2%, Max.
-Output....................±3%, Max.
Triple, 5V........................±2%, Max.
12V/15V................±5%, Max.
Voltage Balance, Dual...................................±1%, Max.
External Trim Adjustment Range..........................±10%
Line Regulation, Single/Dual, HL-LL.............±0.5%, Max.
Triple, HL-LL.......................±1%, Max.
Load Regulation, Single/Dual, 25%FL-FL........±1%, Max.
Triple, 25%FL-FL................±5%, Max.
Transient Response..............................500 mSec, Max.
Ripple and Noise, 20MHz BW................75mVp-p, Max.
Short Circuit Protection...............................Continuous
.
GENERAL SPECIFICATIONS
Efficiency.....................................................74% - 85%
Isolation Voltage, Input to Output...............500 VDC, Min.
Switching Frequency.................................300KHz, Min.
Operating Temperature Range.................-25°C to +71°C
Storage Temperature Range..................-55°C to +105°C
Case Temperature......................................100°C, Max.
Cooling...........................................Free-Air Convection
EMI/RFI.............................Six-Sided Continuous Shield
Case Material................Metal with Non-Conductive Base
8
7
6
5
• • • •
4 3 2 1
0.40
(10.2)
0.90
(22.9)
0.20
(5.1)
0.22
(5.6)
BOTTOM
VIEW
0.40
(10.2)
1.80
(45.7)
2.00
(50.8)
PIN SIZE: 0.04 INCH (1.0 mm) DIA.
ALL DIMENSIONS IN INCHES (mm)
REMOTE ON/OFF CONTROL
Logic Compatibility
Ec-ON
Ec-OFF
Shutdown Idle Current
Input Resistance
Control Common
PIN
PIN CONNECTIONS
SINGLE
TRIPLE
DUAL
Remote
No Pin
-Vin
+Vin
Trim
-Vout
+Vout
No Pin
1
2
3
4
5
6
7
8
Remote
No Pin
-Vin
+Vin
Trim
-Vout
Common
+Vout
Remote
No Pin
-Vin
+Vin
-Aux.Out
Common
+5V Out
+Aux.Out
CMOS or Open Collector TTL
>+5.5 VDC or Open Circuit
<1.8 VDC
10 mA
>100K ohms (Ein 0V to 9V DC)
Referenced to Input Minus
2.00
(50.8)
TRUMPower
DC/DC CONVERTERS
T


Similar Part No. - TD6-30D1212

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TD6-30D1212 TRUMPOWER-TD6-30D1212 Datasheet
28Kb / 1P
   DC/DC CONVERTERS
More results

Similar Description - TD6-30D1212

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC5SBW-24S33 CINCON-EC5SBW-24S33 Datasheet
256Kb / 2P
   30 WATT 4:1 INPUT DC-DC CONVERTERS
EC9BW CINCON-EC9BW Datasheet
185Kb / 2P
   30 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Total Power Internation...
MKW5000 TOTAL-POWER-MKW5000 Datasheet
67Kb / 8P
   25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
logo
CINCON ELECTRONICS Corp...
CHB300-300S CINCON-CHB300-300S Datasheet
217Kb / 2P
   300 WATT 2:1 INPUT DC-DC CONVERTERS
EC2SB CINCON-EC2SB Datasheet
218Kb / 2P
   10 WATT 2:1 INPUT DC-DC CONVERTERS
CFB750-300 CINCON-CFB750-300 Datasheet
317Kb / 2P
   750 WATT 2:1 INPUT DC-DC CONVERTERS
EC6C CINCON-EC6C Datasheet
371Kb / 2P
   25 - 30WATT 2:1 INPUT DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC2SB-24S05 ETC2-EC2SB-24S05 Datasheet
54Kb / 3P
   10 WATT 2 1 INPUT DC-DC CONVERTERS
EC5BU-12S05 ETC2-EC5BU-12S05 Datasheet
298Kb / 3P
   15 WATT 2 1 INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3SB CINCON-EC3SB Datasheet
208Kb / 2P
   15 WATT 2:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com