Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFC130-D23 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TFC130-D23
Description  PFC 130 WATT POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TFC130-D23 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TFC130-D23 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TFC130-D23 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TFC130-D23 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DES C RI P T I O N
The TFC130 series incorporates creative high
efficiency circuitry, high power density (6.94
Watts/in
3) and active Power Factor Correction
(PFC)
to
meet
the
requirements
of
data
networking, computing and telecommunication
systems. Some models with one or two outputs
adjustable between 5V and 24V intend to suit
more applications.
FE AT URES
‧ EN61000-3- 2 class A and D compliant
‧ Po w e r factor 0.98 ty pical
‧ Ve ry com pact size, 3
″ ×5 ″ ×1.2 ″
‧ Ov er v o l tage protection
‧ Short ci rcuit protection
‧ Remote sens e on 3.3 V ou tput
‧ Po w e r Good/Po w e r Fai l D e tect Signa l
‧ Up to fi v e D C outputs
‧ A ll outp u ts w e ll regul at ed
‧ Compliant w i th RoHS req u irements
Saf e t y Sta n da rd A ppr o va l s :
I N PU T S P E C IF IC AT ION S
Input voltage:
90 to 264VAC
Input frequency:
47 to 63Hz
Input current:
2.1A( rms)max. for 115VAC
1.1A( rms)max. for 230VAC
Earth leakage current:
0.3mA max. @ 115VAC, 60Hz
0.6mA max. @ 230VAC, 50Hz
ENVI RONME N TA L S PECI F I C AT IONS
Operating te mperature : -10ºC to +60 º C
S t orage temperature :
-40ºC to +85 º C
Relati v e hu midit y :
5% to 95% n on-con den sin g
Derating :
Derate fr om 100% at +40 º C
linear ly to 50 % at +6 0ºC
Cooling :
10 CFM t o t a l forced a i r
from tw o 40m m diamet er
fans or t he like is requ ire d
and pro v ided by user.
OUTPUT SPECIFICATIONS
Output voltage/current:
See Rating Chart
Ripple and noise:
65mV peak to peak on V1,1%
peak to peak on other outputs
Overvoltage protection:
Provided on V0 & V1; set at
112–132% of its nominal
output voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient: All outputs ±0.04/ºC maximum
Transient response:
Maximum excursion of 4%
or better on all models,
recovering to 1% of final
value within 500µs after
a 25% step load change
PG/PFD signal:
TTL logic high for normal
operation and TTL logic low
upon loss of input power.
This signal appears at least
10ms prior to master output
dropping 5% below its
nominal value. This signal
also provides a minimum
delay of 100ms after master
output is within regulation
GENERAL SPECIFICATIONS
Switching frequency: 100KHz ±10KHz
Power factor:
0.98 typical
Efficiency:
75% typical
Hold-up time:
15 msec minimum at 115VAC
Line regulation:
±0.5% maximum at full load
Inrush current:
35 amps @ 115VAC or 70 amps
@ 230VAC at 25ºC cold start
Withstand voltage:
3000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
200,000 hours minimum
EMC Performance (EN55024)
EN55022:
Class B conducted, class A radiated
FCC Part 15
Class B conducted, class A radiated
VCCI:
Class B conducted, class A radiated
EN61000-3- 2 :
Harmonic distortion, class A and D
EN61000-3- 3 :
Line flicker
EN61000-4- 2 :
ESD, ±8KV air and ±4KV contact
EN61000-4- 3 :
Radiated immunity, 3V/m
EN61000-4- 4 :
Fast transient/burst, ±1KV
EN61000-4- 5 :
Surge, ±1KV diff, ±2KV com.
EN61000-4- 6 :
Conducted immunity, 3Vrms
EN61000-4- 8 :
Magnetic field immunity, 1A/m
EN61000-4- 11 :
Voltage dips, 30% reduction for
500ms and >95% reduction for 10ms
TFC130 SERIES
(MULTIPLE OUTPUT)
UL 60950 3
rd
CSA C22.2 No. 60950 3rd
TÜV EN60950-1
(LVD)
RoHS
(Touch Current)
TRUMPower
PFC 130 WATT POWER SUPPLIES
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - TFC130-D23

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TFC130-S12 TRUMPOWER-TFC130-S12 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
TFC130-S15 TRUMPOWER-TFC130-S15 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
TFC130-S18 TRUMPOWER-TFC130-S18 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
TFC130-S24 TRUMPOWER-TFC130-S24 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
TFC130-S30 TRUMPOWER-TFC130-S30 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
More results

Similar Description - TFC130-D23

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TFC130S TRUMPOWER-TFC130S Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
logo
CINCON ELECTRONICS Corp...
CFM130M CINCON-CFM130M Datasheet
563Kb / 2P
   130 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
CFM130S CINCON-CFM130S Datasheet
649Kb / 5P
   130 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
Tumbler Technologies + ...
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
logo
Astrodyne Corporation
PMK450S ASTRODYNE-PMK450S Datasheet
1Mb / 10P
   450 Watt Enclosed and U-Channel Power Supplies with PFC
PMMK450S ASTRODYNE-PMMK450S Datasheet
1Mb / 10P
   Medical 450 Watt Enclosed & U-Channel Power Supplies with PFC
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
PUP60 TRUMPOWER-PUP60 Datasheet
177Kb / 2P
   60-130 WATT DESKTOP POWER ADAPTERS
logo
Artesyn Technologies
CMP350 ARTESYN-CMP350 Datasheet
96Kb / 5P
   Quad output 350 Watt AC/DC high wattage power supplies with PFC
M3000 ARTESYN-M3000 Datasheet
62Kb / 4P
   Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com