Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM110-Q46 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TM110-Q46
Description  110 WATT MEDICAL POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM110-Q46 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TM110-Q46 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM110-Q46 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum
Output #1
Output #2
Output #3
Output #4
Output
Product No.
Vnom. Imin.
Imax. Tol.
Vnom. Imin. Imax. Ipeak Tol.
Vnom. Imin. Imax. Tol.
Vnom. Imin. Imax. Tol.
Power
TM110-S3.3
3.3V
0A
22A
3%
(N/A)
(N/A)
(N/A)
72W
TM110-S5.0
5.0V
0A
22A
3%
(N/A)
(N/A)
(N/A)
110W
TM110-S12
12V
0A
9.0A
2%
(N/A)
(N/A)
(N/A)
110W
TM110-S15
15V
0A
7.5A
2%
(N/A)
(N/A)
(N/A)
110W
TM110-S24
24V
0A
4.5A
2%
(N/A)
(N/A)
(N/A)
110W
TM110-S30
30V
0A
3.6A
2%
(N/A)
(N/A)
(N/A)
110W
TM110-D23
+5.1V
0A
10A
3%
+12V
0A
5A
9.0A
3%
(N/A)
(N/A)
110W
TM110-T31
+5.1V
0A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
(N/A)
110W
TM110-T32
+5.1V
0A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
(N/A)
110W
TM110-Q40
+5.1V
0A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
-5V
0A
1A
4%
110W
TM110-Q41
+5.1V
0A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
+24V
0A
1A
4%
110W
TM110-Q42
+5.1V
0A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
+12V
0A
1A
4%
110W
TM110-Q45
+5.1V
0A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
+24V
0A
1A
4%
110W
TM110-Q45-1
+5.1V
2A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
+24V
1.5A
3A
10%
110W
TM110-Q45-2
+5.1V
0A
10A
3%
+24V
0A
3A
5.0A
3%
-12V
0A
1A
4%
+12V
0A
1A
4%
110W
TM110-Q46
+5.1V
0A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
-5V
0A
1A
4%
110W
NOTES:
1.
Peak output current with 10% maximum duty cycle for less than 60 seconds. Total peak power must not exceed 130 watts.
2.
110 watts maximum at 25 CFM forced air cooling or 80 watts maximum at convection cooling, except model TM110-S3.3 which is
rated maximum 60 watts at convection cooling or 72 watts at 25 CFM forced air cooling.
3.
Safety agency approvals are for the above listed models in PCB format. To order models with metallic L-bracket or box, add suffix
“B” for L-bracket format, or “C” for enclosed format, e.g. TM110-S24C.
4.
The output #1 of model TM110-Q45-1 needs a minimum current of 2A to support the other outputs at their maximum rated loads.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector mates with Molex housing 09-50-3051
and Molex 2878 series crimp terminal.
4.
Output connector mates with Molex housing
09-50-3131 and Molex 2878 series crimp terminal.
5.
Weight: 640 grams (PCB format)
6.
The copper pad of the mounting hole near P1 is for
system grounding through a metallic stand-off to
system chassis.
PIN CHART
1, 2, 3
4, 5
6, 7
8, 9
10
11
12
13
TM110-S3.3
TM110-S12
TM110-S24
TM110-S5.0
TM110-S15
TM110-S30
OUTPUT
#1
RETURN
RETURN
OUTPUT
#1
P.F.D
N.C.
KEY
N.C.
TM110-D23
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
P.F.D
N.C.
KEY
N.C.
TM110-T31
TM110-T32
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
P.F.D
OUTPUT
#3
KEY
N.C.
TM110-Q40
TM110-Q42
TM110-Q45-1
TM110-Q46
TM110-Q41
TM110-Q45
TM110-Q45-2
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
P.F.D
OUTPUT
#3
KEY
OUTPUT
#4
PIN
Product No.
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
OUTPUT VOLTAGE/ CURRENT RATING CHART
MEDICAL GRADE
TM110 SERIES


Similar Part No. - TM110-Q46

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TM1100 TRUMPOWER-TM1100 Datasheet
274Kb / 2P
   1100 Watts AC/DC Medical & ITE Grade Power Supplies
TM1100-S24C TRUMPOWER-TM1100-S24C Datasheet
274Kb / 2P
   1100 Watts AC/DC Medical & ITE Grade Power Supplies
TM1100-S28C TRUMPOWER-TM1100-S28C Datasheet
274Kb / 2P
   1100 Watts AC/DC Medical & ITE Grade Power Supplies
TM1100-S32C TRUMPOWER-TM1100-S32C Datasheet
274Kb / 2P
   1100 Watts AC/DC Medical & ITE Grade Power Supplies
TM1100-S34C TRUMPOWER-TM1100-S34C Datasheet
274Kb / 2P
   1100 Watts AC/DC Medical & ITE Grade Power Supplies
More results

Similar Description - TM110-Q46

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP110 TRUMPOWER-TMP110 Datasheet
169Kb / 2P
   110 WATT MEDICAL POWER ADAPTERS
logo
RSG Electronic Componen...
PU110 RSG-PU110 Datasheet
179Kb / 2P
   110 WATT SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
TM650 TRUMPOWER-TM650 Datasheet
273Kb / 3P
   650 WATT MEDICAL POWER SUPPLIES
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
   300 WATT MEDICAL POWER SUPPLIES
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
   450 WATT MEDICAL POWER SUPPLIES
TM200 TRUMPOWER-TM200 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
PM40AL TRUMPOWER-PM40AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
logo
RSG Electronic Componen...
PU110 RSG-PU110_14 Datasheet
177Kb / 2P
   72-110 WATT ITE POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com