Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC40-T39 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TMC40-T39
Description  30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMC40-T39 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMC40-T39 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMC40-T39 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
Output #1
Output #2
Output #3
Output
P/N
Vnom.
Imin.
Imax. Tol.
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Power
TMC40-S05
5 V
0 A
8.0 A
2%
(N/A)
(N/A)
40 W
TMC40-S12
12 V
0 A
3.5 A
2%
(N/A)
(N/A)
42 W
TMC40-S15
15 V
0 A
3.0 A
2%
(N/A)
(N/A)
45 W
TMC40-S24
24 V
0 A
2.0 A
2%
(N/A)
(N/A)
48 W
TMC40-S48
48 V
0 A
1.0 A
2%
(N/A)
(N/A)
48 W
TMC40-D23
+5 V
0.5 A
6 A
3%
+12 V
0.1 A
2 A
5%
(N/A)
40 W
TMC40-D25
+5 V
0.5 A
6 A
3%
+24 V
0.1 A
1 A
5%
(N/A)
40 W
TMC40-T31
+5 V
0.5 A
6 A
3%
+12 V
0.1 A
2 A
5%
-12 V
0 A
0.3 A
4%
40 W
TMC40-T31-3
+3.3 V
0.8 A
6 A
3%
+5 V
0.1 A
2 A
5%
+12 V
0 A
0.3 A
4%
30 W
TMC40-T31-5
+5 V
0.5 A
6 A
3%
+3.3 V
0 A
1.5 A
5%
+12 V
0 A
0.3 A
4%
30 W
TMC40-T32
+5 V
0.5 A
6 A
3%
+15 V
0.1 A
1.5 A
5%
-15 V
0 A
0.3 A
4%
40 W
TMC40-T39
+5 V
0.5 A
6 A
3%
+24 V
0.1 A
1 A
5%
-12 V
0 A
0.3 A
4%
40 W
NOTE: 1. Safety approvals are for PCB form only. To order unit with cover fitted, add suffix “C”.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inches [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector mates with Molex housing
09-50-3031 and Molex 2878 series crimp
terminal.
4.
Output connector mates with Moles housing
09-50-3061 and Moles 2878 series crimp
terminal.
5.
Ground tab is 0.25 [6.35] x 0.032 [0.8]
6.
To ensure compliance with level B
emissions, connect the two “*” marked
mounting holes with metallic standoffs to
chassis.
7.
Weight: 205 grams (0.45 lbs.) approx.
PIN CHART
1
2
3
4
5
6
TMC40-S05
TMC40-S24
TMC40-S12
TMC40-S48
TMC40-S15
+V1
+V1
RTN
RTN
N.C
N.C
TMC40-D23
TMC40-D25
+V1
+V1
RTN
RTN
N.C
+V2
TMC40-T31
TMC40-T32
TMC40-T39
+V1
+V1
RTN
RTN
-V3
+V2
TMC40-T31-3 ,TMC40-T31-5
+V1
+V1
RTN
RTN
+V3
+V2
PIN
MODEL
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616 ● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com
UNIVERSAL INPUT
TMC40 MEDICAL & ITE SERIES


Similar Part No. - TMC40-T39

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
   400 Watts AC/DC Medical & ITE Power Supplies
TMC400-S12 TRUMPOWER-TMC400-S12 Datasheet
192Kb / 2P
   400 Watts AC/DC Medical & ITE Power Supplies
TMC400-S15 TRUMPOWER-TMC400-S15 Datasheet
192Kb / 2P
   400 Watts AC/DC Medical & ITE Power Supplies
TMC400-S18 TRUMPOWER-TMC400-S18 Datasheet
192Kb / 2P
   400 Watts AC/DC Medical & ITE Power Supplies
TMC400-S24 TRUMPOWER-TMC400-S24 Datasheet
192Kb / 2P
   400 Watts AC/DC Medical & ITE Power Supplies
More results

Similar Description - TMC40-T39

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
   100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
   100 Watts Medical & ITE Switching Power Supplies
TM41 TRUMPOWER-TM41 Datasheet
223Kb / 2P
   30-40 WATT MEDICAL POWER SUPPLIES
logo
RSG Electronic Componen...
PU30SL RSG-PU30SL Datasheet
161Kb / 2P
   30 WATT SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
TMC60-S05 TRUMPOWER-TMC60-S05 Datasheet
123Kb / 2P
   37.5-64 WATT MED ICAL & ITE SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU110 RSG-PU110_14 Datasheet
177Kb / 2P
   72-110 WATT ITE POWER SUPPLIES
logo
Protek Devices
PM66 PROTEC-PM66 Datasheet
704Kb / 2P
   51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
PUP30 TRUMPOWER-PUP30 Datasheet
185Kb / 2P
   25- 30 WATT SWITCHING POWER SUPPLIES
logo
TDK Electronics
CUS350M TDK-CUS350M Datasheet
1Mb / 3P
   Single Output 350W Medical & ITE Power Supplies
logo
Skynet Electronic Copyr...
SNP-AF4 SKYNET-SNP-AF4 Datasheet
205Kb / 2P
   Medical & ITE Switching Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com