Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP100-48 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TOP100-48
Description  60-96 WATT AC/DC SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TOP100-48 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TOP100-48 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TOP100-48 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
PLN-100-12
PLN-100-15
PLN-100-20
PLN-100-24
PLN-100-27
PLN-100-36
PLN-100-48
DC VOLTAGE
RATED CURRENT
Note.6
CURRENT RANGE
Note.6
RATED POWER
Note.6
OUTPUT
VOLTAGE ADJ. RANGE
CURRENT ADJ. RANGE
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.5
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER CURRENT
Note.4
OVER VOLTAGE
OVER TEMPERATURE
12V
15V
20V
24V
27V
36V
48V
5A
5A
4.8A
4A
3.55A
2.65A
2A
0 ~ 5A
0 ~ 5A
0 ~ 4.8A
0 ~ 4A
0 ~ 3.55A
0 ~ 2.65A
0 ~ 2A
60W
75W
96W
96W
95.85W
95.4W
96W
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
3.0%
0% ~ -15%. Can be adjusted by internal potential meter SVR1
3% ~ -25%. Can be adjusted by internal potential meter SVR2
1.0%
2.0%
1200ms, 80ms/230VAC
at full load
1200ms, 80ms/115VAC
60ms/230VAC 30
at full load
ms/115VAC
90 ~ 264VAC
127 ~ 370VDC
47~63Hz
PF>0.95/230VAC
PF>0.95/115VAC at full load
83%
85%
3.0%
87%
3.0%
87%
3.0%
87%
3.0%
87%
2.0%
87%
2.0%
13 ~ 16V
16.5 ~ 20V
22 ~ 27V
27 ~ 34V
29 ~ 36V
39 ~ 48V
52 ~ 64V
12V:0.8A/115VAC
0.4A/230VAC
15V:0.9A/115VAC
0.45A/230VAC
20V ~ 48V:1.1A/115VAC
0.55A/230VAC
COLD START 40A/230VAC
0.5mA / 240VAC
95 ~ 100%
Protection type : Constant current limiting, recovers automatically after fault condition is removed
UL1310 Class 2, UL879 ( listed in UL Sign Components Manual (SAM) ), TUV EN60950-1, EN61347-1, EN61347-2-13
CAN/CSA C22.2 No. 223-M91(except for 48V), IP64 approved
I/P-O/P:4.25KVDC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
-30 ~ +50
(Refer to output load derating curve)
20 ~ 90% RH non-condensing
-40~+80
,10~95% RH
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
303.1Khrs min.
MIL-HDBK-217F (25
)
200*70.5*35mm (L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Please refer to OLP characteristics.
5. Derating may be needed under low input voltage. Please check the derating curve for more details.
6. This is the maximum possible output current and power. Over load protection may be activated slightly below this level to comply with the requirement
of UL1310 class 2.
7. Constant current operation region is within 50% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
File Name:PLN-100-SPEC 2008-08-18
0.52Kg; 20pcs/11.4Kg/0.76CUFT
Protection type : Shut down and latch off o/p voltage, re-power on to recover
100W Single Output Switching Power Supply
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage / Over temperature
Built-in active PFC function
IP64 design for indoor or outdoor installations
UL1310 Class 2 power unit
Cooling by free air convection
100% full load burn-in test
High
Suitable for LED lighting and moving sign applications
2 years warranty
reliability
Features :
PLN-100 series
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
90
10
(RTH2)
Protection type : Shut down o/p voltage, re-power on to recover
HARMONIC CURRENT
EMS IMMUNITY
Compliance to EN55015, EN55022 (CISPR22) Class B
Compliance to
Class C (>50% load) ; EN61000-3-3
EN61000-3-2
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN61547, EN55024, light industry level, criteria A
EMI CONDUCTION & RADIATION
IP64
( for 48V only)
( except for 48V )
FM
M
110
LPS
SELV
EQUIVALENT
6 ~ 12V
7.5 ~ 15V
10 ~ 20V
12 ~ 24V
13.5 ~ 27V
18 ~ 36V
24 ~ 48V
CONSTANT CURRENT REGION Note.7
TOP100-12
TOP100-20
TOP100-24
TOP100-27
TOP100-36
TOP100-48
TOP100-15
T
P/N
TOP100 Series 60-96 WATT AC/DC SWITCHING POWER SUPPLIES


Similar Part No. - TOP100-48

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP100-4 POWERINT-TOP100-4 Datasheet
166Kb / 20P
   Three-terminal Off-line PWM Switch
TOP100-4 POWERINT-TOP100-4 Datasheet
1Mb / 18P
   Three-terminal Off-line PWM Switch
More results

Similar Description - TOP100-48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSGKF-200 WALL-PSGKF-200 Datasheet
130Kb / 4P
   Watt AC/DC Switching Power Supplies
logo
TRACO Electronic AG
TOP60 TRACOPOWER-TOP60 Datasheet
291Kb / 3P
   AC/DC Power Supplies TOP 60 Series, 60 Watt
Rev. September 16, 2022
logo
Wall Industries,Inc.
PSAIC WALL-PSAIC Datasheet
413Kb / 4P
   3 Watt AC/DC Switching Power Supplies
PSAPCN WALL-PSAPCN Datasheet
168Kb / 6P
   15 Watt AC/DC Switching Power Supplies
PSATCN WALL-PSATCN Datasheet
857Kb / 6P
   15 Watt AC/DC Switching Power Supplies
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
   40 Watt Medical AC - DC Switching Power Supplies
logo
Artesyn Technologies
CPS253-M ARTESYN-CPS253-M Datasheet
2Mb / 7P
   250 Watt AC-DC Power Supplies
CNS653-ME ARTESYN-CNS653-ME Datasheet
1Mb / 8P
   650 Watt AC-DC Power Supplies
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com