Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA0242PWP Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA0242PWP
Description  STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0242PWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA0242PWP Datasheet HTML 5Page - Texas Instruments TPA0242PWP Datasheet HTML 6Page - Texas Instruments TPA0242PWP Datasheet HTML 7Page - Texas Instruments TPA0242PWP Datasheet HTML 8Page - Texas Instruments TPA0242PWP Datasheet HTML 9Page - Texas Instruments TPA0242PWP Datasheet HTML 10Page - Texas Instruments TPA0242PWP Datasheet HTML 11Page - Texas Instruments TPA0242PWP Datasheet HTML 12Page - Texas Instruments TPA0242PWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TPA0242
STEREO 2-W AUDIO POWER AMPLIFIER
WITH DC VOLUME CONTROL AND MUX CONTROL
SLOS287 – NOVEMBER 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
120
0
0
100
140
160
1k
10k
BW – Bandwidth – Hz
VDD = 5 V
RL = 4 Ω
OUTPUT NOISE VOLTAGE
vs
BANDWIDTH
AV = +20 dB
20k
AV = +6 dB
20
40
60
80
100
Figure 14
–100
–120
20
100
–80
1k
10k
RL = 8 Ω
CB = 0.47 µF
BTL
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
AV = +6 dB
–60
–40
–20
0
f – Frequency – Hz
20k
AV = +20 dB
Figure 15
–100
–120
20
100
–80
1k
10k
RL = 32 Ω
CB = 0.47 µF
SE
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
AV = 0 dB
–60
–40
–20
0
f – Frequency – Hz
20k
AV = +14 dB
Figure 16
–120
–80
20
100
1k
10k 20k
f – Frequency – Hz
CROSSTALK
vs
FREQUENCY
–90
–100
–110
PO = 1 W
RL = 8 Ω
AV = +20 dB
BTL
–70
–60
LEFT TO RIGHT
RIGHT TO LEFT
–50
–40


Similar Part No. - TPA0242PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0242PWP TI1-TPA0242PWP Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWPR TI1-TPA0242PWPR Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWPRG4 TI1-TPA0242PWPRG4 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

Similar Description - TPA0242PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com