Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS200-05 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TS200-05
Description  200W Compact AC/DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TS200-05 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TS200-05 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TS200-05 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tumbler Technologies + TRUMPower • Santa Clara, CA, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
200W Compact AC/DC Power Supplies
SPECIFICATION
PPS-200-5
PPS-200-12
PPS-200-15
PPS-200-24
PPS-200-27
PPS-200-48
MODEL
DC VOLTAGE
RATED CURRENT
RATED POWER (convection)
RATED POWER (20.5CFM FAN)
OUTPUT
VOLTAGE ADJ. RANGE
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
HARMONIC CURRENT
EMS IMMUNITY
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
PACKING
OVERLOAD
OVER VOLTAGE
OVER TEMPERATURE
AC CURRENT (Typ.)
5V
12V
15V
24V
27V
48V
36A
16.6A
13.3A
8.3A
7.4A
4.167A
0 ~ 26A
0 ~ 36A
0 ~ 12.5A
0 ~ 16.6A
0 ~ 10A
0 ~ 13.3A
0 ~ 6.25A
0 ~ 5.56A
0 ~ 3.13A
0 ~ 8.3A
0 ~ 7.4A
0 ~ 4.167A
130W
180W
150W
199.2W
150W
199.5W
150W
150W
150W
199.2W
199.8W
200W
100mVp-p
100mVp-p
100mVp-p
150mVp-p
150mVp-p
250mVp-p
4.5 ~ 5.5V
10.8 ~ 13.2V
13.5 ~ 16.5V
21.6 ~ 26.4V
24.3 ~ 30V
43.2 ~ 52.8V
4.0%
3.0%
3.0%
2.0%
2.0%
2.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1200ms, 60ms/230VAC
2500ms, 60ms/115VAC at full load
90 ~ 264VAC
127 ~ 370VDC
12ms/230VAC/115VAC at full load
47 ~ 63Hz
PF>0.93/230VAC
PF>0.98/115VAC at full load
86%
89%
89%
89%
89%
90%
2.2A/115VAC
1.2A/230VAC
COLD START 70A/230VAC
<2mA / 240VAC
105 ~ 135% rated output power
5.6 ~ 7.25V
110
() d
TSW1
etect on heatsink of power transistor
13.8 ~ 16.2V
17.25 ~ 20.25V
27.6 ~ 32.4V
31.05 ~ 36.45V
57.6 ~ 67.2V
Protection type : Hiccup mode, recovers automatically after fault condition is removed
Protection type : Hiccup mode, recovers automatically after fault condition is removed
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down
UL60950-1, TUV EN60950-1 approved
Compliance to EN55022 (CISPR22) Class B
Compliance to EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, light industry level, criteria A
-20 ~ +70
(Refer to output load derating curve)
20 ~ 90% RH non-condensing
-40 ~ +85
, 10 ~ 95% RH
0.05%/
(0 ~ 50
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
108.4Khrs min.
MIL-HDBK-217F (25
)
127*76.2*34.6mm (L*W*H)
0.37Kg; 36pcs/14.3Kg/0.79CUFT
Universal AC input / Full range
Built-in active PFC function
High efficiency up to 90% (typ)
Protections: Short circuit / Overload / Over voltage /
PWM control and regulated
High power density 9.78W/inch
5"x3" compact size
ZVS technology to reduce power dissipation
Free air convection for 150W and 200W with 20.5 CFM forced air
3 years warranty
3
Over temperature
Built-in remote sense function
Features :
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC
I/P-FG:1.5KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC
SAFETY &
EMC
(Note 4)
PROTECTION
ENVIRONMENT
EMI CONDUCTION & RADIATION
CURRENT RANGE (convection)
CURRENT RANGE (20.5CFM FAN)
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Heat Sink HS1,HS2 can not be shorted.
6. Length of set up time is measured at cold first start. Turning ON/OFF the power supply very quickly may lead to increase of the set up time.
TS200 Series
TS200-05
TS200-12
TS200-15
TS200-24
TS200-27
TS200-48
PART NO.


Similar Part No. - TS200-05

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS200 BOTHHAND-TS200 Datasheet
197Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
logo
STMicroelectronics
TS2007 STMICROELECTRONICS-TS2007 Datasheet
466Kb / 29P
   3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
TS2007EIJT STMICROELECTRONICS-TS2007EIJT Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
TS2007EKIJT STMICROELECTRONICS-TS2007EKIJT Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
TS2007FC STMICROELECTRONICS-TS2007FC Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
More results

Similar Description - TS200-05

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
   200W Medical Grade AC/DC Power Supplies
logo
TDK Electronics
KW TDK-KW Datasheet
260Kb / 2P
   Compact AC-DC PCB-Mount Power Supplies
logo
MicroPower Direct, LLC
MPA200L MPD-MPA200L Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPE-60S MPD-MPE-60S Datasheet
229Kb / 2P
   Single Output, 60W Compact, Enclosed AC/DC Power Supplies
MPE-100FS MPD-MPE-100FS Datasheet
255Kb / 2P
   Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-320S MPD-MPE-320S Datasheet
265Kb / 2P
   Single Output, 320W Compact, Enclosed AC/DC Power Supplies
MPE-150S MPD-MPE-150S Datasheet
248Kb / 2P
   Single Output, 150W Compact, Enclosed AC/DC Power Supplies
MPE-25S MPD-MPE-25S Datasheet
239Kb / 2P
   Single Output, 25W Compact, Enclosed AC/DC Power Supplies
MPE-40S MPD-MPE-40S Datasheet
225Kb / 2P
   Single Output, 40W Compact, Enclosed AC/DC Power Supplies
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com