Selected language     English  ā–¼


W005MPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part No. W005MPT
Description  SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

   
 1 page
background image
FEATURES
* High reverse voltage to 1000V
* Surge overload rating - 50 Amperes peak
* Good for printed circuit board assembly
Case: JEDEC WOM molded plastic
Mounting position: Any
Polarity: Polarity symbols marked on body
Weight: 1.20 grams
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
W005MPT
THRU
W10MPT
WOM
WOM
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 - 1000 Volts
CURRENT 1.5 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
2004-6
CHARACTERISTICS
SYMBOL
UNITS
1.0
10
@ TA = 25
oC
uAmps
0.2
mAmps
Volts
Maximum Instantaneous Forward Voltage at 1.0 A DC
Maximum Reverse Current at rated
DC blocking Voltage per element
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TA = 25
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
VF
IR
TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
W005MPT
50
35
50
W02MPT
200
140
200
W04MPT
280
400
400
W06MPT
600
420
600
W08MPT
800
560
800
W10MPT
1000
700
1000
1.5
50
-55 to +150
Amps
oC
Operating Temperature Range
TJ
-55 to +125
oC
W01MPT
100
70
100
@ TA = 100
oC
.360(9.1)
.340(8.6)
.220(5.6)
.180(4.6)
.032(0.8)
.028(0.7)
.217(5.5)
.197(5.0)
1.2
(30.5)
MIN.
1.0
(25.4)
MIN.
.220(5.6)
.180(4.6)
W005MPT
W02MPT W04MPT W06MPT W08MPT W10MPT
W01MPT




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KBPC8005PTSILICON BRIDGE RECTIFIER 1 2 Chenmko Enterprise Co. Ltd.
HBL2ATECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
MP8005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
GBPC12005HIGH CURRENT SILICON BRIDGE RECTIFIER 1 2 Pan Jit International Inc.
BR1505SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 3 Rectron Semiconductor
W005MTECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 List of Unclassifed Manufacturers
TB1005M10.0A Single-Phase Silicon Bridge Rectifier 1 2 3 4 TAITRON Components Incorporated
KBPC10005PTSILICON BRIDGE RECTIFIER 1 2 Chenmko Enterprise Co. Ltd.
HBL4ATECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
MP10005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl