Selected language     English  ā–¼


W005MPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part No. W005MPT
Description  SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

   
 2 page
background image
RATING CHARACTERISTIC CURVES ( W005MPT THRU W10MPT )
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARCTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
AMBIENT TEMPERATURE, (
oC )
NUMBER OF CYCLES AT 60HZ
2.5
70
60
30
40
50
20
10
0
10
4
1.0
0.4
0.1
.04
.01
2.0
1.0
1.5
0.5
0
.01
0.1
1.0
10
20
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
20
40
60
80
120
100
140
0
20
40
60
80
100
120
140
160
0
2
4
6
8 10
20
40
60 80 100
TJ = 25
oC
TJ = 25
oC
TJ = 100
oC
Single
Half Wave 60HZ
Resistive or
Inductive Load
8.3 ms Single Half
Sine-Wave (JEDEC Method)
PULSE WIDTH=300uS
1% DUTY CYCLE




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KBPC8005PTSILICON BRIDGE RECTIFIER 1 2 Chenmko Enterprise Co. Ltd.
HBL2ATECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
MP8005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components
GBPC12005HIGH CURRENT SILICON BRIDGE RECTIFIER 1 2 Pan Jit International Inc.
BR1505SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 3 Rectron Semiconductor
W005MTECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 List of Unclassifed Manufacturers
TB1005M10.0A Single-Phase Silicon Bridge Rectifier 1 2 3 4 TAITRON Components Incorporated
KBPC10005PTSILICON BRIDGE RECTIFIER 1 2 Chenmko Enterprise Co. Ltd.
HBL4ATECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
MP10005TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts 1 2 Dc Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl