Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

650FPR002E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 650FPR002E
Description  Four Terminal Bare Element
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

650FPR002E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  650FPR002E Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
19
60 Series
Four Terminal Bare Element
Resistance
Amps
Series
Wattage
Range (Ω)*
max.
Tolerance*
610
1W
0.002-0.050
32
1%
650
5W
0.002-0.005
100
1%
*Standard; others available
O R D E R I N G I N F O R M A T I O N
Ohmite’s Four Terminal Bare
Element Resistors provide
ultra low resistance values (to
0.0005Ω) for relatively high
current requirements, with
the advantages of a Kelvin
configuration and PC Board
mounting capability.
These shunt resistors are
specifically designed for low
resistance applications requir-
ing the highest accuracy and
temperature stability. This
Four Terminal version of
Ohmite’s 60 Series Resistor is
specially designed for use in a
Kelvin configuration, in which
a current is applied through
two opposite terminals and
sensing voltage is measured
across the other two terminals.
The Kelvin configuration
enables the resistance and
temperature coefficient of the
terminals to be effectively
eliminated. The four terminal
design also results in a lower
Temperature Coefficient of
Resistance and lower self
heating drift which may be
experienced on two terminal
resistors. The requirement
to connect to the terminals
at precise test points is elimi-
nated, allowing for tighter toler-
ancing on the end application.
F E A T U R E S
• Ideal for current sensing applica-
tions
• 1% tolerance standard, others
available
• Low inductance (non-inductive
below 0.05Ω)
• RoHS compliant
• Radial, self-supporting, design is
ideal for PC board mounting
• High Power-to-size ratio
• Decimal marked, silicone coated
(650 Series only)
S P E C I F I C A T I O N S
Material
Terminals: Tinned Copper
Resistive element: Manganin
Alloy
Electrical
Operating Temperature Range:
-55˚C to +275˚C.
Temperature Coefficient of
Resistance, 0˚C to 85˚C:
±50 PPM/˚C, .015Ω and higher
±100 PPM/˚C, .015Ω and lower
Environmental Performance:
Exceeds the requirements of
MIL-PRF-49465
Power rating: Based on 25˚C free
air rating
Overload: 5 times rated wattage
for 5 seconds
Thermal EMF: Less than ±3µV/˚C
Derating: Linearly from 100% @
+25°C to 0% @ 275°C
1.100"
±.010
0.040" (18AWG)
1.000"
±.010
0.081" (12AWG)
1.400" max.
0.200"
±.015
0.100"
(typ. to bend)
0.200"
±.010
0.100"
(typ. to bend)
0.450"
max.
0.250"
±.010
0.180"
(typ. tinned
surface)
610 Series (1 watt)
650 Series (5 watt)
6 1 0 F P R 0 5 0 E
60 Series
Wattage
10 = 1.0
50 = 5.0
Tolerance
F = 1%
D = 0.5%
Ohm Value
Example:
R050= 0.05Ω
Terminals
Blank = 2 terminals
P
= 4 terminals
RoHS Compliant
100
Ambient Temperature,
°C
60
20
0
0
175
80
40
25
75
125
225
275
S T D . P A R T N U M B E R S
Ohmic
610 Series
650 Series
value
1 watt
5 watt
0.002
610FPR002E
650FPR002E
0.005
610FPR005E
650FPR005E
0.010
610FPR010E
0.015
610FPR015E
0.020
610FPR020E
0.025
610FPR025E
0.036
610FPR036E
0.050
610FPR050E
Check product availability at
www.ohmite.com


Similar Part No. - 650FPR002E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
650FPR002E OHMITE-650FPR002E Datasheet
341Kb / 1P
   Ideal for current sensing applications
More results

Similar Description - 650FPR002E

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MSR1-0R1F1 RIEDON-MSR1-0R1F1 Datasheet
127Kb / 1P
   Bare Metal Element Resistors
MSR-1 RIEDON-MSR-1 Datasheet
224Kb / 1P
   Bare Metal Element Resistors
MS-1-0.005-OHM RIEDON-MS-1-0.005-OHM Datasheet
141Kb / 1P
   Bare Metal Element Resistors
MSR RIEDON-MSR Datasheet
130Kb / 1P
   Bare Metal Element Resistors
MSR1-0R01F1 RIEDON-MSR1-0R01F1 Datasheet
130Kb / 1P
   Bare Metal Element Resistors
logo
Ohmite Mfg. Co.
CS3FR050E OHMITE-CS3FR050E Datasheet
99Kb / 1P
   Wire Element Four Terminal Precision Current Sense
logo
Bourns Electronic Solut...
PWR4412-2S BOURNS-PWR4412-2S Datasheet
108Kb / 1P
   Bare Metal Element Resistor
logo
Willow Technologies Ltd
MS-3 WILLOW-MS-3 Datasheet
314Kb / 1P
   Bare Metal Element Resistors
logo
Riedon Powertron
MS-1 RIEDON-MS-1 Datasheet
249Kb / 1P
   Bare Metal Element Resistors
MSR1-0R05F1 RIEDON-MSR1-0R05F1 Datasheet
130Kb / 1P
   Bare Metal Element Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com