Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2I99456G-32-LT Datasheet(PDF) 10 Page - PulseCore Semiconductor

Part # ASM2I99456G-32-LT
Description  3.3V/2.5V LVCMOS Clock Fanout Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I99456G-32-LT Datasheet(HTML) 10 Page - PulseCore Semiconductor

Back Button ASM2I99456G-32-LT Datasheet HTML 6Page - PulseCore Semiconductor ASM2I99456G-32-LT Datasheet HTML 7Page - PulseCore Semiconductor ASM2I99456G-32-LT Datasheet HTML 8Page - PulseCore Semiconductor ASM2I99456G-32-LT Datasheet HTML 9Page - PulseCore Semiconductor ASM2I99456G-32-LT Datasheet HTML 10Page - PulseCore Semiconductor ASM2I99456G-32-LT Datasheet HTML 11Page - PulseCore Semiconductor ASM2I99456G-32-LT Datasheet HTML 12Page - PulseCore Semiconductor ASM2I99456G-32-LT Datasheet HTML 13Page - PulseCore Semiconductor ASM2I99456G-32-LT Datasheet HTML 14Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
November 2006
ASM2I99456
rev 0.3
3.3V/2.5V LVCMOS Clock Fanout Buffer
10 of 14
Notice: The information in this document is subject to change without notice.
TJ,MAX should be selected according to the MTBF
system requirements and Table 11. Rthja can be derived
from Table 12. The Rthja represent data based on 1S2P
boards, using 2S2P boards will result in a lower thermal
impedance than indicated below.
Table 12. Thermal package impedance of the
32LQFP
Convection,
LFPM
Rthja (1P2S
board), °C/W
Rthja (2P2S
board), °C/W
Still air
86
61
100 lfpm
76
56
200 lfpm
71
54
300 lfpm
68
53
400 lfpm
66
52
500 lfpm
60
49
If the calculated maximum frequency is below 350 MHz, it
becomes the upper clock speed limit for the given
application conditions. The following eight derating charts
describe the safe frequency operation range for the
ASM2I99456. The charts were calculated for a maximum
tolerable die junction temperature of 110
°C (120°C),
corresponding to an estimated MTBF of 9.1 years
(4 years), a supply voltage of 3.3V and series terminated
transmission line or capacitive loading. Depending on a
given set of these operating conditions and the available
device convection a decision on the maximum operating
frequency can be made.


Similar Part No. - ASM2I99456G-32-LT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I99456G-32-LT ALSC-ASM2I99456G-32-LT Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
More results

Similar Description - ASM2I99456G-32-LT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
   2.5V and 3.3V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
   3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Motorola, Inc
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
   3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com