Electronic Components Datasheet Search |
|
ASM2P5T905AF-28TT Datasheet(PDF) 4 Page - PulseCore Semiconductor |
|
ASM2P5T905AF-28TT Datasheet(HTML) 4 Page - PulseCore Semiconductor |
4 / 19 page November 2006 ASM2P5T905A rev 0.2 2.5V Single Data Rate 1:5 Clock Buffer Terabuffer 4 of 19 Notice: The information in this document is subject to change without notice. Capacitance 1,2 (TA = +25°C, F = 1.0MHz) Symbol Parameter Min Typ Max Unit CIN Input Capacitance 3.5 pF Notes: 1. This parameter is measured at characterization but not tested. 2. Capacitance applies to all inputs except RxS and TxS. Recommended Operating Range Symbol Description Min Typ Max Unit TA Ambient Operating Temperature -40 +25 +85 °C VDD 1 Internal Power Supply Voltage 2.4 2.5 2.6 V HSTL Output Power Supply Voltage 1.4 1.5 1.6 V Extended HSTL and 1.8V LVTTL Output Power Supply Voltage 1.65 1.8 1.95 V VDDQ 1 2.5V LVTTL Output Power Supply Voltage VDD V VT Termination Voltage VDDQ/ 2 V NOTE: 1. All power supplies should operate in tandem. If VDD or VDDQ is at maximum, then VDDQ or VDD (respectively) should be at maximum, and vice-versa. Input/Output Selection 1 Input Output Input Output 2.5V LVTTL SE 2.5V LVTTL SE 1.8V LVTTL SE 1.8V LVTTL SE 2.5V LVTTL DSE 2.5V LVTTL DSE 1.8V LVTTL DSE 1.8V LVTTL DSE LVEPECL DSE LVEPECL DSE eHSTL DSE eHSTL DSE HSTL DSE HSTL DSE 2.5V LVTTL DIF 2.5V LVTTL DIF 1.8V LVTTL DIF 1.8V LVTTL DIF LVEPECL DIF LVEPECL DIF eHSTL DIF eHSTL DIF HSTL DIF 2.5V LVTTL HSTL DIF eHSTL 2.5V LVTTL SE 2.5V LVTTL SE 1.8V LVTTL SE 1.8V LVTTL SE 2.5V LVTTL DSE 2.5V LVTTL DSE 1.8V LVTTL DSE 1.8V LVTTL DSE LVEPECL DSE LVEPECL DSE eHSTL DSE eHSTL DSE HSTL DSE HSTL DSE 2.5V LVTTL DIF 2.5V LVTTL DIF 1.8V LVTTL DIF 1.8V LVTTL DIF LVEPECL DIF LVEPECL DIF eHSTL DIF eHSTL DIF HSTL DIF 1.8V LVTTL HSTL DIF HSTL NOTE: 1. The INPUT/OUTPUT SELECTION Table describes the total possible combinations of input and output interfaces. Single-Ended (SE) inputs in a single-ended mode require the A/VREF pin to be connected to GND. Differential Single-Ended (DSE) is for single-ended operation in differential mode, requiring a VREF. Differential (DIF) inputs are used only in differential mode. |
Similar Part No. - ASM2P5T905AF-28TT |
|
Similar Description - ASM2P5T905AF-28TT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |