Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2I99456G-32-ET Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM2I99456G-32-ET
Description  3.3V/2.5V LVCMOS Clock Fanout Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I99456G-32-ET Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM2I99456G-32-ET Datasheet HTML 1Page - PulseCore Semiconductor ASM2I99456G-32-ET Datasheet HTML 2Page - PulseCore Semiconductor ASM2I99456G-32-ET Datasheet HTML 3Page - PulseCore Semiconductor ASM2I99456G-32-ET Datasheet HTML 4Page - PulseCore Semiconductor ASM2I99456G-32-ET Datasheet HTML 5Page - PulseCore Semiconductor ASM2I99456G-32-ET Datasheet HTML 6Page - PulseCore Semiconductor ASM2I99456G-32-ET Datasheet HTML 7Page - PulseCore Semiconductor ASM2I99456G-32-ET Datasheet HTML 8Page - PulseCore Semiconductor ASM2I99456G-32-ET Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 2006
ASM2I99456
rev 0.3
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
3.3V/2.5V LVCMOS Clock Fanout Buffer
Features
Configurable
10
outputs
LVCMOS
Clock
distribution buffer
Compatible to single, dual and mixed 3.3V/2.5V
Voltage supply
Wide range output clock frequency up to
250MHz
Designed for mid-range to high-performance
telecom, networking and computer applications
Supports high-performance differential clocking
applications
Max. output skew of 200pS
(150pS within one bank)
Selectable output configurations per output bank
Tristatable outputs
32 LQFP and TQFP Packages
Ambient Operating temperature range of
-40 to 85°C
Pin and Function compatible to MPC9456
Functional Description
The ASM2I99456 is a 2.5V and 3.3V compatible 1:10 clock
distribution buffer designed for low-Voltage mid-range to
high-performance telecom, networking and computing
applications. Both 3.3V, 2.5V and dual supply voltages are
supported for mixed-voltage applications. The ASM2I99456
offers 10 low-skew outputs and a differential LVPECL clock
input. The outputs are configurable and support 1:1 and 1:2
output to input frequency ratios. The ASM2I99456 is
specified for the extended temperature range of –40 to
85°C.
The ASM2I99456 is a full static design supporting clock
frequencies up to 250 MHz. The signals are generated and
retimed on-chip to ensure minimal skew between the three
output banks.
Each of the three output banks can be individually supplied
by 2.5V or 3.3V supporting mixed voltage applications. The
FSELx pins choose between division of the input reference
frequency by one or two. The frequency divider can be set
individually for each of the three output banks. The
ASM2I99456 can be reset and the outputs are disabled by
deasserting the MR/OE pin (logic high state). Asserting
MR/OE will enable the outputs.
All control inputs accept LVCMOS signals while the outputs
provide LVCMOS compatible levels with the capability to
drive terminated 50Ω transmission lines. The clock input is
low voltage PECL compatible for differential clock
distribution support. Please consult the ASM2I99446
specification for a full CMOS compatible device. For series
terminated transmission lines, each of the ASM2I99456
outputs can drive one or two traces giving the devices an
effective fanout of 1:20. The device is packaged in a
7x7 mm
2 32-lead LQFP and TQFP Packages.


Similar Part No. - ASM2I99456G-32-ET

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I99456G-32-ET ALSC-ASM2I99456G-32-ET Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
More results

Similar Description - ASM2I99456G-32-ET

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
   2.5V and 3.3V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
   3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Motorola, Inc
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
   3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com