Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM2P5T9070AF-48TR Datasheet(PDF) 9 Page - PulseCore Semiconductor

Part # ASM2P5T9070AF-48TR
Description  2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P5T9070AF-48TR Datasheet(HTML) 9 Page - PulseCore Semiconductor

  ASM2P5T9070AF-48TR Datasheet HTML 1Page - PulseCore Semiconductor ASM2P5T9070AF-48TR Datasheet HTML 2Page - PulseCore Semiconductor ASM2P5T9070AF-48TR Datasheet HTML 3Page - PulseCore Semiconductor ASM2P5T9070AF-48TR Datasheet HTML 4Page - PulseCore Semiconductor ASM2P5T9070AF-48TR Datasheet HTML 5Page - PulseCore Semiconductor ASM2P5T9070AF-48TR Datasheet HTML 6Page - PulseCore Semiconductor ASM2P5T9070AF-48TR Datasheet HTML 7Page - PulseCore Semiconductor ASM2P5T9070AF-48TR Datasheet HTML 8Page - PulseCore Semiconductor ASM2P5T9070AF-48TR Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
November 2006
ASM2P5T9070A
rev 0.2
2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
9 of 9
Notice: The information in this document is subject to change without notice.
© Copyright 2006 PulseCore Semiconductor Corporation. All rights reserved. Our logo and name are trademarks or
registered trademarks of PulseCore Semiconductor. All other brand and product names may be the trademarks of their
respective companies. PulseCore reserves the right to make changes to this document and its products at any time without
notice. PulseCore assumes no responsibility for any errors that may appear in this document. The data contained herein
represents PulseCore’s best data and/or estimates at the time of issuance. PulseCore reserves the right to change or correct
this data at any time, without notice. If the product described herein is under development, significant changes to these
specifications are possible. The information in this product data sheet is intended to be general descriptive information for
potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or
customer. PulseCore does not assume any responsibility or liability arising out of the application or use of any product
described herein, and disclaims any express or implied warranties related to the sale and/or use of PulseCore products
including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual
property rights, except as express agreed to in PulseCore’s Terms and Conditions of Sale (which are available from
PulseCore). All sales of PulseCore products are made exclusively according to PulseCore’s Terms and Conditions of Sale.
The purchase of products from PulseCore does not convey a license under any patent rights, copyrights; mask works rights,
trademarks, or any other intellectual property rights of PulseCore or third parties. PulseCore does not authorize its products
for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result
in significant injury to the user, and the inclusion of PulseCore products in such life-supporting systems implies that the
manufacturer assumes all risk of such use and agrees to indemnify PulseCore against all claims arising from such use.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200
Campbell, CA 95008
Tel: 408-879-9077
Fax: 408-879-9018
www.pulsecoresemi.com
Copyright © PulseCore Semiconductor
All Rights Reserved
Preliminary Information
Part Number: ASM2P5T9070
Document Version: 0.2
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to PulseCore Semiconductor, dated 11-11-2003


Similar Part No. - ASM2P5T9070AF-48TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM2P5T905A PULSECORE-ASM2P5T905A Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
ASM2P5T905AF-28TR PULSECORE-ASM2P5T905AF-28TR Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
ASM2P5T905AF-28TT PULSECORE-ASM2P5T905AF-28TT Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
ASM2P5T905AG-28TR PULSECORE-ASM2P5T905AG-28TR Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
ASM2P5T905AG-28TT PULSECORE-ASM2P5T905AG-28TT Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
More results

Similar Description - ASM2P5T9070AF-48TR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T907 IDT-IDT5T907 Datasheet
105Kb / 17P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
IDT5T9070 IDT-IDT5T9070 Datasheet
57Kb / 7P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
logo
PulseCore Semiconductor
PCS2P5T907A PULSECORE-PCS2P5T907A Datasheet
752Kb / 21P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T907 RENESAS-5T907 Datasheet
428Kb / 20P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer™
Mar 2020
logo
Integrated Device Techn...
5T9050 IDT-5T9050 Datasheet
177Kb / 9P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
IDT5T905 IDT-IDT5T905 Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
5T90533 IDT-5T90533 Datasheet
223Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T9070 RENESAS-5T9070 Datasheet
367Kb / 10P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer™ Jr.
Mar 2020
logo
PulseCore Semiconductor
ASM2P5T905A PULSECORE-ASM2P5T905A Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
Integrated Device Techn...
IDT5T9050 IDT-IDT5T9050 Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com