Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMO-8-1001-K-LF-TR Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # CMO-8-1001-K-LF-TR
Description  Commercial Grade Metal Oxide Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CMO-8-1001-K-LF-TR Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  CMO-8-1001-K-LF-TR Datasheet HTML 1Page - IRC - a TT electronics Company. CMO-8-1001-K-LF-TR Datasheet HTML 2Page - IRC - a TT electronics Company. CMO-8-1001-K-LF-TR Datasheet HTML 3Page - IRC - a TT electronics Company. CMO-8-1001-K-LF-TR Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Environmental Data
Short-time overload
∆R/R ≤(±0.5% + 0.05Ω), with no evidence of mechanical damage.
Dielectric withstanding voltage
No evidence of flashover, mechanical damage, arcing or insulation breakdown.
Terminal strength
No evidence of mechanical damage.
Resistance to Soldering heat
∆R/R ≤(±1% + 0.05Ω), with no evidence of mechanical damage.
Pulse Overload
∆R/R ≤(±1% + 0.05Ω), with no evidence of mechanical damage.
Solderability
Minimum 95% coverage.
Resistance to solvent
No deterioration of protective coating and markings.
Temperature cycling
∆R/R ≤(±1% + 0.05Ω), with no evidence of mechanical damage.
Load life in humidity
Standard type:
∆R/R ±3% for <100KΩ, ±5% for ≥100KΩ;
Load life
Standard type:
∆R/R ±1.5% Flame retardant type: R/R ±5%
Commercial Grade
Metal Oxide Resistor
CMO Series Issue September 2008 Sheet 2 of 4


Similar Part No. - CMO-8-1001-K-LF-TR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CMO-8 TTELEC-CMO-8 Datasheet
286Kb / 4P
   Commercial Grade Metal Oxide Resistors
More results

Similar Description - CMO-8-1001-K-LF-TR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CMO TTELEC-CMO Datasheet
286Kb / 4P
   Commercial Grade Metal Oxide Resistors
CMF TTELEC-CMF Datasheet
255Kb / 3P
   Commercial Grade Metal Film Resistor
logo
IRC - a TT electronics ...
CMF IRCTT-CMF Datasheet
111Kb / 3P
   Commercial Grade Metal Film Resistor
logo
Stackpole Electronics, ...
RSF SEI-RSF Datasheet
597Kb / 9P
   General Purpose Metal Oxide Resistor
3/3/2022
logo
List of Unclassifed Man...
RSMF2JB10R0 ETC2-RSMF2JB10R0 Datasheet
205Kb / 4P
   General Purpose Metal Oxide Resistor
logo
KOA Speer Electronics, ...
MO1CT52A KOA-MO1CT52A Datasheet
100Kb / 2P
   metal oxide power type leaded resistor
logo
TAITRON Components Inco...
RMX TAITRON-RMX Datasheet
281Kb / 8P
   Metal Oxide Resistor Normal & Miniature Style
logo
KOA Speer Electronics, ...
MO1CT52A473J KOA-MO1CT52A473J Datasheet
387Kb / 2P
   metal oxide power type leaded resistor
logo
Vishay Siliconix
CPR VISHAY-CPR Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
logo
KOA Speer Electronics, ...
MOS1CT26 KOA-MOS1CT26 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com