Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P623S00B Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3P623S00B
Description  Timing-Safe??Peak EMI reduction IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P623S00B Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3P623S00B Datasheet HTML 1Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 2Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 3Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 4Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 5Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 6Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 7Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 8Page - PulseCore Semiconductor ASM3P623S00B Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
May 2008
ASM3P623S00B/E
rev 0.5
Timing-Safe™ Peak EMI Reduction IC
4 of 15
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description for ASM3P623S00E
Pin #
Pin Name
Type
Description
1
CLKIN
1
I
External reference Clock input, 5V tolerant input
2
CLKOUT1
2
O
Buffered clock output
4
3
VDD
P
3.3V supply
4
SS%
3
I
Spread Spectrum Selection. Refer Spread Spectrum Control and Input-Output Skew
Table. Has an internal pull up resistor
5
GND
P
Ground
6
CLKOUT2
2
O
Buffered clock output
4
7
CLKOUT3
2
O
Buffered clock output
4
8
DLY_CTRL
O
External Input-Output Delay control.
9
SSON
3
I
Spread Spectrum enable and disable option. When SSON is HIGH, the spread
spectrum is enabled and when LOW, it turns off the spread spectrum. Has an internal
pull up resistor
10
CLKOUT4
2
O
Buffered clock output
4
11
CLKOUT5
2
O
Buffered clock output
4
12
GND
P
Ground
13
VDD
P
3.3V supply
14
CLKOUT6
2
O
Buffered clock output
4
15
CLKOUT7
2
O
Buffered clock output
4
16
CLKOUT
2
O
Buffered clock output
4
Notes: 1.Weak pull down
2. Weak pull-down on all outputs
3. Weak pull-up on these Inputs
4. Buffered clock output is Timing-Safe™
1
2
3
4
13
14
15
16
ASM3P623S00E
5
6
7
8
9
10
11
12
CLKOUT6
CLKOUT7
CLKOUT4
CLKOUT5
VDD
CLKOUT
GND
SSON
DLY_CTRL
VDD
SS%
GND
CLKOUT2
CLKOUT3
CLKOUT1
CLKIN


Similar Part No. - ASM3P623S00B

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
logo
Alliance Semiconductor ...
ASM3P623S00BF-08-SR ALSC-ASM3P623S00BF-08-SR Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
logo
PulseCore Semiconductor
ASM3P623S00BF-08-SR PULSECORE-ASM3P623S00BF-08-SR Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
logo
Alliance Semiconductor ...
ASM3P623S00BF-08-ST ALSC-ASM3P623S00BF-08-ST Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
logo
PulseCore Semiconductor
ASM3P623S00BF-08-ST PULSECORE-ASM3P623S00BF-08-ST Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
More results

Similar Description - ASM3P623S00B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com