Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2180A Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3P2180A
Description  Peak Reducing EMI Solution
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2180A Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3P2180A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2180A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2180A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2180A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2180A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2180A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2180A Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2180A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Peak Reducing EMI Solution
4 of 8
February 2008
ASM3P2180A
rev 1.2
Notice: The information in this document is subject to change without notice.
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
FS=0
6
10
CLKIN
Input frequency
FS=1
18
30
MHz
FS=0
6
10
CLKOUT
Output frequency
FS=1
18
30
MHz
tLH*
Output rise time (measured at 0.8V to 2.0V)
1.2
1.3
1.4
nS
tHL*
Output fall time (measured at 2.0V to 0.8V)
0.8
0.9
1.0
nS
tJC
Jitter (cycle to cycle)
325
pS
tD
Output duty cycle
45
50
55
%
*tLH and tHL are measured into a capacitive load of 15pF
Typical Test Circuit
+3.3V
Spread spectrum output
(EMI suppressed)
XIN
GND
0.1uF
CLOAD
XOUT
CLKOUT
VDD
Crystal
C1
C2


Similar Part No. - ASM3P2180A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2180A ALSC-ASM3P2180A Datasheet
202Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2180A-08SR ALSC-ASM3P2180A-08SR Datasheet
202Kb / 7P
   Peak Reducing EMI Solution
ASM3P2180A-08ST ALSC-ASM3P2180A-08ST Datasheet
202Kb / 7P
   Peak Reducing EMI Solution
ASM3P2180A-08TR ALSC-ASM3P2180A-08TR Datasheet
202Kb / 7P
   Peak Reducing EMI Solution
More results

Similar Description - ASM3P2180A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com