Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I623S09AF-16-SR Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3I623S09AF-16-SR
Description  Timing-Safe??Peak EMI reduction IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I623S09AF-16-SR Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3I623S09AF-16-SR Datasheet HTML 1Page - PulseCore Semiconductor ASM3I623S09AF-16-SR Datasheet HTML 2Page - PulseCore Semiconductor ASM3I623S09AF-16-SR Datasheet HTML 3Page - PulseCore Semiconductor ASM3I623S09AF-16-SR Datasheet HTML 4Page - PulseCore Semiconductor ASM3I623S09AF-16-SR Datasheet HTML 5Page - PulseCore Semiconductor ASM3I623S09AF-16-SR Datasheet HTML 6Page - PulseCore Semiconductor ASM3I623S09AF-16-SR Datasheet HTML 7Page - PulseCore Semiconductor ASM3I623S09AF-16-SR Datasheet HTML 8Page - PulseCore Semiconductor ASM3I623S09AF-16-SR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
May 2007
ASM3P623S05/09A/B
rev 0.3
Timing-Safe™ Peak EMI Reduction IC
4 of 15
Notice: The information in this document is subject to change without notice.
Spread Spectrum Control and Input-Output Skew Table
(Note: The values given in the table are for an input frequency of 32MHz)
Device
Deviation
Input-Output Skew(±TSKEW)
ASM3P623S05A
±0.25 %
0.125
ASM3P623S05B
±0.5 %
0.25
ASM3P623S09A
±0.25 %
0.125
ASM3P623S09B
±0.5 %
0.25
Note: TSKEW is measured in units of the Clock Period
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Operating Conditions for ASM3P623S05A/B and ASM3P623S09A/B Devices
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
-40
+85
°C
CL
Load Capacitance
30
pF
CIN
Input Capacitance
7
pF
Electrical Characteristics for ASM3P623S05A/B and ASM3P623S09A/B
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VIL
Input LOW Voltage
1
0.8
V
VIH
Input HIGH Voltage
1
2.0
V
IIL
Input LOW Current
VIN = 0V
50
µA
IIH
Input HIGH Current
VIN = VDD
100
µA
VOL
Output LOW Voltage
2
IOL = 8mA
0.4
V
VOH
Output HIGH Voltage
2
IOH = -8mA
2.4
V
IDD
Supply Current
Unloaded outputs
15
mA
Zo
Output Impedance
23
Note: 1. CLKIN input has a threshold voltage of VDD/2
2. Parameter is guaranteed by design and characterization. Not 100% tested in production


Similar Part No. - ASM3I623S09AF-16-SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3I623S00AF-08-SR ALSC-ASM3I623S00AF-08-SR Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
ASM3I623S00AF-08-ST ALSC-ASM3I623S00AF-08-ST Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
ASM3I623S00AF-08-TR ALSC-ASM3I623S00AF-08-TR Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
ASM3I623S00AF-08-TT ALSC-ASM3I623S00AF-08-TT Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
ASM3I623S00AG-08-SR ALSC-ASM3I623S00AG-08-SR Datasheet
301Kb / 16P
   Zero Cycle Slip Peak EMI reduction IC
More results

Similar Description - ASM3I623S09AF-16-SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com