Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I622S00BG-08-TT Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASM3I622S00BG-08-TT
Description  Low Frequency Timing-Safe??Peak EMI reduction IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I622S00BG-08-TT Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button ASM3I622S00BG-08-TT Datasheet HTML 2Page - PulseCore Semiconductor ASM3I622S00BG-08-TT Datasheet HTML 3Page - PulseCore Semiconductor ASM3I622S00BG-08-TT Datasheet HTML 4Page - PulseCore Semiconductor ASM3I622S00BG-08-TT Datasheet HTML 5Page - PulseCore Semiconductor ASM3I622S00BG-08-TT Datasheet HTML 6Page - PulseCore Semiconductor ASM3I622S00BG-08-TT Datasheet HTML 7Page - PulseCore Semiconductor ASM3I622S00BG-08-TT Datasheet HTML 8Page - PulseCore Semiconductor ASM3I622S00BG-08-TT Datasheet HTML 9Page - PulseCore Semiconductor ASM3I622S00BG-08-TT Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
May 2008
ASM3P622S00B/E
rev 0.5
Low Frequency Timing-Safe™ Peak EMI Reduction IC
6 of 15
Notice: The information in this document is subject to change without notice.
Switching Characteristics for ASM3P622S00B/E
Parameter
Test Conditions
Min
Typ
Max
Unit
Input Frequency
4
20
MHz
Output Frequency
30pF load
4
20
MHz
Duty Cycle
6,7 = (t2 / t1) * 100
Measured at VDD/2
40
50
60
%
Output Rise Time
7, 8
Measured between 0.8V and 2.0V
2.5
nS
Output Fall Time
7, 8
Measured between 2.0V and 0.8V
2.5
nS
Output-to-output skew
7, 8
All outputs equally loaded with SSOFF
250
pS
Delay, CLKIN Rising Edge to
CLKOUT Rising Edge
8
Measured at VDD /2 with SSOFF
±350
pS
Device-to-Device Skew
8
Measured at VDD/2 on the CLKOUT pins
of the device
700
pS
< 8MHz
±1.6
nS
Cycle-to-Cycle Jitter
7, 8
Loaded outputs
> 8MHz
±200
pS
PLL Lock Time
8
Stable power supply, valid clock presented
on CLKIN pin
1.0
mS
Note: 7. All parameters specified with 30pF loaded outputs.
8. Parameter is guaranteed by design and characterization. Not 100% tested in production
Switching Waveforms
Duty Cycle Timing
All Outputs Rise/Fall Time
t2
t1
VDD/2
VDD/2
VDD/2
OUTPUT
t3
OUTPUT
0V
t4
3.3V
0.8V
2V
0.8V
2V


Similar Part No. - ASM3I622S00BG-08-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3I622S00BG-08-TT PULSECORE-ASM3I622S00BG-08-TT Datasheet
732Kb / 16P
   Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
ASM3I622S00BG-08-TT ONSEMI-ASM3I622S00BG-08-TT Datasheet
177Kb / 13P
   Low Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
More results

Similar Description - ASM3I622S00BG-08-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S00A PULSECORE-ASM3P622S00A Datasheet
732Kb / 16P
   Low Frequency Timing-Safe??Peak EMI reduction IC
PCS3P622Z05B PULSECORE-PCS3P622Z05B Datasheet
552Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S01B PULSECORE-ASM3P622S01B Datasheet
489Kb / 12P
   Low Frequency Timing-Safe??Peak EMI reduction IC
PCS3P625Z05B PULSECORE-PCS3P625Z05B Datasheet
552Kb / 15P
   High Frequency Timing-Safe??Peak EMI reduction IC
PCS3P624Z05B PULSECORE-PCS3P624Z05B Datasheet
551Kb / 15P
   High Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com