Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I2508AF-08ST Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3I2508AF-08ST
Description  Peak EMI Reducing Solution
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I2508AF-08ST Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3I2508AF-08ST Datasheet HTML 1Page - PulseCore Semiconductor ASM3I2508AF-08ST Datasheet HTML 2Page - PulseCore Semiconductor ASM3I2508AF-08ST Datasheet HTML 3Page - PulseCore Semiconductor ASM3I2508AF-08ST Datasheet HTML 4Page - PulseCore Semiconductor ASM3I2508AF-08ST Datasheet HTML 5Page - PulseCore Semiconductor ASM3I2508AF-08ST Datasheet HTML 6Page - PulseCore Semiconductor ASM3I2508AF-08ST Datasheet HTML 7Page - PulseCore Semiconductor ASM3I2508AF-08ST Datasheet HTML 8Page - PulseCore Semiconductor ASM3I2508AF-08ST Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Peak EMI Reducing Solution
3 of 9
February 2007
ASM3P2508A
rev 1.4
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics
(Test Condition : All the parameters are measured at room temperature (25°C) , unless otherwise stated)
Parameter
Symbol
Conditions / Description
Min
Typ
Max
Unit
Overall
Supply Current,
Dynamic
Icc
VDD =3.3V, FCLK =14.31818MHz,
CL=15pF
40
49
60
mA
Supply Current,
Static
IDD
VDD = 3.3V, Software Power Down*
27
35
43
mA
All input pins
High-Level Input
Voltage
VIH
VDD=3.3V
2.0
-
VDD+0.3
V
Low-Level Input
Voltage
VIL
VDD=3.3V
VSS-0.3
-
0.8
V
High-Level Input
Current
IIH
-1
-
1
µ A
Low-Level Input
Current (pull-up)
IIL
-20
-36
-80
µ A
Clock Outputs (FOUT1CLK, FOUT2CLK)
High-Level Output
Voltage
VOH
VDD= 3.3V, IOH = 20mA
2.5
-
3.3
V
Low-Level Output
Voltage
VOL
VDD= 3.3V, IOL = 20mA
0
-
0.4
V
ZOH
VO=0.5VDD; output driving high
-
29
-
Output Impedance
ZOL
Vo=0.5VDD; output driving low
-
27
-
* FOUT1CLK (120MHz) is functional and not loaded
AC Electrical Characteristics
Parameter
Symbol
Conditions/ Description
Min
Typ
Max
Unit
FOUT1CLK
640
680
750
Rise Time
tr
VO = 0.8V to 2.0V; CL = 15pF
FOUT2CLK
440
480
600
pS
FOUT1CLK
660
720
800
Fall Time
tf
VO = 2.0V to 0.8V; CL = 15pF
FOUT2CLK
460
520
570
pS
Clock Duty
Cycle
tD
Ratio of pulse width (as measured from rising edge
to next falling edge at 2.5V) to one clock period
45
-
55
%
Output Frequency =120MHz
-
±2.73
-
Frequency
Deviation
fD
Output Frequency =72MHz /48 MHz
-
±1.78
-
%
On rising edges 500 uS apart at 2.5 V relative to an
ideal clock, PLL B inactive *
-
45
-
Jitter, Long
Term
Tj (LT)
On rising edges 500 uS apart at 2.5 V relative to an
ideal clock, PLL B active *
-
165
-
pS
From rising edge to next rising edge at 2.5 V,
PLL B inactive *
-
110
-
Jitter, peak to
peak
Tj (∆T)
From rising edge to next rising edge at 2.5 V,
PLL B active *
-
390
-
pS
Clock
Stabilization
Time
tSTB
Output active from power up, RUN Mode via
Software Power Down
-
125
-
µS
* CL = 15 pF, Fxin = 14.31818MHz


Similar Part No. - ASM3I2508AF-08ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM3I2508AF-08ST ONSEMI-ASM3I2508AF-08ST Datasheet
126Kb / 8P
   Peak EMI Reducing
August, 2011 ??Rev. P3
More results

Similar Description - ASM3I2508AF-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com