Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6711J100 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320C6711J100
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711J100 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C6711J100 Datasheet HTML 1Page - Texas Instruments TMS320C6711J100 Datasheet HTML 2Page - Texas Instruments TMS320C6711J100 Datasheet HTML 3Page - Texas Instruments TMS320C6711J100 Datasheet HTML 4Page - Texas Instruments TMS320C6711J100 Datasheet HTML 5Page - Texas Instruments TMS320C6711J100 Datasheet HTML 6Page - Texas Instruments TMS320C6711J100 Datasheet HTML 7Page - Texas Instruments TMS320C6711J100 Datasheet HTML 8Page - Texas Instruments TMS320C6711J100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
TMS320C6211, TMS320C6211B
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS073L − AUGUST 1998 − REVISED JUNE 2005
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
The TMS320C62x
 DSPs (including the TMS320C6211/C6211B devices) compose one of the fixed-point DSP
families in the TMS320C6000
 DSP platform. The TMS320C6211 (C6211) and TMS320C6211B (C6211B)
devices are based on the high-performance, advanced VelociTI
 very-long-instruction-word (VLIW)
architecture developed by Texas Instruments (TI), making these DSPs an excellent choice for multichannel and
multifunction applications.
With performance of up to 1333 million instructions per second (MIPS) at a clock rate of 167 MHz, the
C6211/C6211B device offers cost-effective solutions to high-performance DSP programming challenges. The
C6211/C6211B DSP possesses the operational flexibility of high-speed controllers and the numerical capability
of array processors. This processor has 32 general-purpose registers of 32-bit word length and eight highly
independent functional units. The eight functional units provide six arithmetic logic units (ALUs) for a high
degree of parallelism and two 16-bit multipliers for a 32-bit result. The C6211/C6211B can produce two
multiply-accumulates (MACs) per cycle for a total of 333 million MACs per second (MMACS). The
C6211/C6211B DSP also has application-specific hardware logic, on-chip memory, and additional on-chip
peripherals.
The C6211/C6211B uses a two-level cache-based architecture and has a powerful and diverse set of
peripherals. The Level 1 program cache (L1P) is a 32-Kbit direct mapped cache and the Level 1 data cache
(L1D) is a 32-Kbit 2-way set-associative cache. The Level 2 memory/cache (L2) consists of a 512-Kbit memory
space that is shared between program and data space. L2 memory can be configured as mapped memory,
cache, or combinations of the two.The peripheral set includes two multichannel buffered serial ports (McBSPs),
two general-purpose timers, a host-port interface (HPI), and a glueless external memory interface (EMIF)
capable of interfacing to SDRAM, SBSRAM and asynchronous peripherals.
The C6211/C6211B has a complete set of development tools which includes: a new C compiler, an assembly
optimizer to simplify programming and scheduling, and a Windows
 debugger interface for visibility into source
code execution.
TMS320C6000 is a trademark of Texas Instruments.
Windows is a registered trademark of the Microsoft Corporation.


Similar Part No. - TMS320C6711J100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6711BGFN100 TI-TMS320C6711BGFN100 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6711J100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com