Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2854BG-16-TR Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P2854BG-16-TR
Description  Custom Clock Generator for Fax System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2854BG-16-TR Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P2854BG-16-TR Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2854BG-16-TR Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2854BG-16-TR Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2854BG-16-TR Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2854BG-16-TR Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2854BG-16-TR Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2854BG-16-TR Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2854BG-16-TR Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
March 2007
ASM3P2854B
rev 0.2
Custom Clock Generator for Fax System
3 of 8
Notice: The information in this document is subject to change without notice.
PCLK Selection Table
S2
S1
Programmable Clock (MHz)
0
0
24.00448
0
1
21.33732
1
0
21.19962
1
1
20.40464
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD,
VDD_FOUT
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
TA
Operating Temperature
0
+70
°C
VDD
Core Voltage
+3.0
+3.3
+3.6
V
VDD_FOUT
Output Voltage
+3.0
+3.3
+3.6
V


Similar Part No. - ASM3P2854BG-16-TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2854BG-16TR PULSECORE-ASM3P2854BG-16TR Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2854BG-16TT PULSECORE-ASM3P2854BG-16TT Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
More results

Similar Description - ASM3P2854BG-16-TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
logo
ON Semiconductor
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
   Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
PCS3P7100A PULSECORE-PCS3P7100A_1 Datasheet
386Kb / 9P
   Custom Clock Generator for Display Systems
logo
ON Semiconductor
PCS3P7100A ONSEMI-PCS3P7100A Datasheet
198Kb / 8P
   Custom Clock Generator for Display Systems
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
Nippon Precision Circui...
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com