Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2811BF-08ST Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P2811BF-08ST
Description  Low Power EMI Reduction IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2811BF-08ST Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P2811BF-08ST Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2811BF-08ST Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2811BF-08ST Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2811BF-08ST Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2811BF-08ST Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2811BF-08ST Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2811BF-08ST Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2811BF-08ST Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2811BF-08ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ASM3P2811A/B
ASM3P2812A/B
April 2008
ASM3P2814A/B
rev 1.6
Low Power EMI Reduction IC
3 of 11
Notice: The information in this document is subject to change without notice.
Input/Output Frequency Range Selection Table
Part Number
ASM3P2811 (1x)
ASM3P2812 (2x)
ASM3P2814 (4x)
FRS (pin 6)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
Modulation Rate
0
10-20
10-20
10-20
20-40
10-20
40-80
Input Frequency / 448
1
20-40
20-40
20-40
40-80
20-40
80-160
Input Frequency / 896
Output Frequency Deviation and Spread Selection Table
Frequency Deviation* (%)
FS=0
FS=1
Part Number
D_C
(pin 3)
SRS
(pin 4)
10/20/40 (MHz)
20/40/80 (MHz)
20/40/80 (MHz)
40/80/160 (MHz)
0
0
-3
-2.5
-2.7
-2.6
0
1
-3.7
-3.4
-3.8
-3.6
1
0
±1.5
±1.2
±1.5
±1.3
ASM3P28XXA
1
1
±1.8
±1.6
±1.9
±1.8
0
0
-1.7
-1.0
-1.5
-1.4
0
1
-2.0
-1.5
-2.0
-1.9
1
0
±0.75
±0.6
±0.8
±0.7
ASM3P28XXB
1
1
±1.0
±0.75
±1.0
±0.9
Note: Frequency Deviation given in the table is for the Output Frequency Range covering ASM3P2811x / 12x / 14x
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD 22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.


Similar Part No. - ASM3P2811BF-08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2811BF-08ST PULSECORE-ASM3P2811BF-08ST Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
More results

Similar Description - ASM3P2811BF-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
logo
Alliance Semiconductor ...
P2811 ALSC-P2811 Datasheet
382Kb / 8P
   Low-Power EMI Reduction IC
ASM3P2811A ALSC-ASM3P2811A Datasheet
159Kb / 8P
   Low Power EMI Reduction IC
ASM3P5821A ALSC-ASM3P5821A Datasheet
173Kb / 7P
   Low Power EMI Reduction IC
ASM3P2109A ALSC-ASM3P2109A Datasheet
160Kb / 7P
   Low Power EMI Reduction IC
logo
ON Semiconductor
P2811A ONSEMI-P2811A Datasheet
136Kb / 6P
   Low Power EMI Reduction IC
JUNE 2011 ??Rev. 2
logo
PulseCore Semiconductor
PCS3P2537A PULSECORE-PCS3P2537A Datasheet
278Kb / 7P
   Low Power Peak EMI Reduction IC
logo
Alliance Semiconductor ...
P2010A ALSC-P2010A Datasheet
457Kb / 9P
   Low Frequency EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com