Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P623S05AG-08-TR Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3P623S05AG-08-TR
Description  Timing-Safe??Peak EMI reduction IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P623S05AG-08-TR Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3P623S05AG-08-TR Datasheet HTML 1Page - PulseCore Semiconductor ASM3P623S05AG-08-TR Datasheet HTML 2Page - PulseCore Semiconductor ASM3P623S05AG-08-TR Datasheet HTML 3Page - PulseCore Semiconductor ASM3P623S05AG-08-TR Datasheet HTML 4Page - PulseCore Semiconductor ASM3P623S05AG-08-TR Datasheet HTML 5Page - PulseCore Semiconductor ASM3P623S05AG-08-TR Datasheet HTML 6Page - PulseCore Semiconductor ASM3P623S05AG-08-TR Datasheet HTML 7Page - PulseCore Semiconductor ASM3P623S05AG-08-TR Datasheet HTML 8Page - PulseCore Semiconductor ASM3P623S05AG-08-TR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
May 2007
ASM3P623S05/09A/B
rev 0.3
Timing-Safe™ Peak EMI Reduction IC
2 of 15
Notice: The information in this document is subject to change without notice.
CLKIN
CLK2
1
2
3
4
5
6
7
8
CLK3
CLK4
CLKOUT
GND
VDD
ASM3P623S05A/B
CLK1
Spread Spectrum Frequency Generation
The clocks in digital systems are typically square waves
with a 50% duty cycle and as frequencies increase the
edge rates also get faster. Analysis shows that a square
wave is composed of fundamental frequency and
harmonics. The fundamental frequency and harmonics
generate the energy peaks that become the source of
EMI. Regulatory agencies test electronic equipment by
measuring the amount of peak energy radiated from the
equipment. In fact, the peak level allowed decreases as
the frequency increases. The standard methods of
reducing EMI are to use shielding, filtering, multi-layer
PCBs etc. These methods are expensive. Spread
spectrum clocking reduces the peak energy by reducing
the Q factor of the clock. This is done by slowly
modulating
the
clock
frequency.
The
ASM3P623S05/09A/B uses the center modulation spread
spectrum technique in which the modulated output
frequency varies above and below the reference
frequency with a specified modulation rate. With center
modulation, the average frequency is the same as the
unmodulated frequency and there is no performance
degradation
Timing-Safe™ technology
Timing-Safe™ technology is the ability to modulate a
clock source with Spread Spectrum technology and
maintain synchronization with any associated data path.
Pin Configuration ( 8 Pin Devices )
Pin Configuration ( 16 Pin Devices )
1
2
3
4
13
14
15
16
5
6
7
8
9
10
11
12
CLKA3
CLKA4
CLKB3
CLKB4
VDD
CLKOUT
GND
S1
S2
CLKA2
VDD
CLKB1
CLKB2
CLKA1
CLKIN
ASM3P623S09A/B
GND


Similar Part No. - ASM3P623S05AG-08-TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM3P623S05A ONSEMI-ASM3P623S05A Datasheet
197Kb / 11P
   Peak EMI Reduction IC
July 2010 ??Rev. 1
More results

Similar Description - ASM3P623S05AG-08-TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
   Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com