Electronic Components Datasheet Search |
|
ASM3I623S00EG-16-SR Datasheet(PDF) 5 Page - PulseCore Semiconductor |
|
ASM3I623S00EG-16-SR Datasheet(HTML) 5 Page - PulseCore Semiconductor |
5 / 18 page May 2007 ASM3P623S00B/C/J/E/F/K rev 0.4 Timing-Safe™ Peak EMI Reduction IC 5 of 18 Notice: The information in this document is subject to change without notice. Pin Description for ASM3P623S00K Pin # Pin Name Description 1 XIN/CLKIN Crystal connection or external reference frequency input. This pin has dual functions. It can be connected either to an external crystal or an external reference clock. 2 XOUT Crystal connection. If using an external reference, this pin must be left unconnected. 3 CLKOUT1 1 Buffered clock output 4 VDD 3.3V supply 5 SS% 2 Spread Spectrum Selection 6 GND Ground 7 CLKOUT2 1 Buffered clock output 8 CLKOUT3 1 Buffered clock output 9 SSON 2 Spread Spectrum enable and disable option. When SSON is HIGH, the spread spectrum is enabled and when LOW, it turns off the spread spectrum. 10 CLKOUT4 1 Buffered clock output 11 CLKOUT5 1 Buffered clock output 12 GND Ground 13 VDD 3.3V supply 14 CLKOUT6 1 Buffered clock output 15 CLKOUT7 1 Buffered clock output 16 CLKOUT 1,3 Buffered clock output Notes: 1. Weak pull-down on all outputs. 2. Weak pull-up on these inputs. 3. This output is driven and has an internal feedback for the PLL. 4. Buffered clock outputs are Timing-Safe™ Spread Spectrum Control and Input-Output Skew Table (Note: The values given in the table are for an input frequency of 32MHz) Device SS% Deviation Input-Output Skew(±TSKEW) 0 ±0.25 % 0.125 ASM3P623S00B 1 ±0.5 % 0.25 0 ±0.125 % 0.125 ASM3P623S00C 1 ±0.25 % 0.25 0 ±0.125 % 0.125 ASM3P623S00J 1 ±0.25 % 0.25 0 ±0.25 % 0.125 ASM3P623S00E 1 ±0.5 % 0.25 0 ±0.125 % 0.125 ASM3P623S00F 1 ±0.25 % 0.25 0 ±0.125 % 0.125 ASM3P623S00K 1 ±0.25 % 0.25 Note: TSKEW is measured in units of the Clock Period |
Similar Part No. - ASM3I623S00EG-16-SR |
|
Similar Description - ASM3I623S00EG-16-SR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |