Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2856B Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # ASM3P2856B
Description  Custom Clock generator for LCD Projector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2856B Datasheet(HTML) 5 Page - PulseCore Semiconductor

  ASM3P2856B Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2856B Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2856B Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2856B Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2856B Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2856B Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2856B Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2856B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ASM3P2856A
November 2006
ASM3P2856B
rev 0.1
Notice: The information in this document is subject to change without notice.
Custom Clock generator for LCD Project
5 of 8
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
XIN
Input frequency
-
14.7456
-
MHz
CLK1
-
27.002
-
CLK2
-
14.7456
-
CLK3
-
65
-
CLK4 (SS Clock )
65
FOUT
Output frequency
CLK5 (SS Clock )
65
MHz
For SS% = 0
-
± 1.0
-
fd
Frequency Deviation
(CLK4, CLK5 )
For SS% = 1
± 1.5
%
tLH*
Output rise time (measured from 0.8 to 2.0V)
-
1.4
-
nS
tHL *
Output fall time (measured at 2.0V to 0.8V)
-
1.2
-
nS
tJC
Jitter (Cycle to cycle)
-
TBD
-
pS
tD
Output duty cycle
40
50
60
%
* tLH and tHL are measured into a capacitive load of 15pF


Similar Part No. - ASM3P2856B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2853A PULSECORE-ASM3P2853A Datasheet
160Kb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2853A ONSEMI-ASM3P2853A Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2853AF-08-SR ALSC-ASM3P2853AF-08-SR Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
ASM3P2853AF-08-ST ALSC-ASM3P2853AF-08-ST Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
More results

Similar Description - ASM3P2856B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A_1 Datasheet
386Kb / 9P
   Custom Clock Generator for Display Systems
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
logo
ON Semiconductor
PCS3P7100A ONSEMI-PCS3P7100A Datasheet
198Kb / 8P
   Custom Clock Generator for Display Systems
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
logo
ON Semiconductor
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
   Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
ASM3P4201A PULSECORE-ASM3P4201A Datasheet
327Kb / 7P
   Multi-Output Custom Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com