Electronic Components Datasheet Search |
|
ASM3I622S00EG-16-TR Datasheet(PDF) 2 Page - PulseCore Semiconductor |
|
ASM3I622S00EG-16-TR Datasheet(HTML) 2 Page - PulseCore Semiconductor |
2 / 16 page May 2007 ASM3P622S00A/B/J/E/K rev 0.4 Low Frequency Timing-Safe™ Peak EMI Reduction IC 2 of 16 Notice: The information in this document is subject to change without notice. XOUT 1 2 3 4 5 6 7 8 ASM3P622S00J GND SSON XIN / CLKIN VDD NC SS% CLKOUT Spread Spectrum Frequency Generation The clocks in digital systems are typically square waves with a 50% duty cycle and as frequencies increase the edge rates also get faster. Analysis shows that a square wave is composed of fundamental frequency and harmonics. The fundamental frequency and harmonics generate the energy peaks that become the source of EMI. Regulatory agencies test electronic equipment by measuring the amount of peak energy radiated from the equipment. In fact, the peak level allowed decreases as the frequency increases. The standard methods of reducing EMI are to use shielding, filtering, multi-layer PCBs etc. These methods are expensive. Spread spectrum clocking reduces the peak energy by reducing the Q factor of the clock. This is done by slowly modulating the clock frequency. The ASM3P622S00A/B/J/E/K uses the center modulation spread spectrum technique in which the modulated output frequency varies above and below the reference frequency with a specified modulation rate. With center modulation, the average frequency is the same as the unmodulated frequency and there is no performance degradation Timing-Safe™ technology Timing-Safe™ technology is the ability to modulate a clock source with Spread Spectrum technology and maintain synchronization with any associated data path. Pin Configuration NC 1 2 3 4 5 6 7 8 ASM3P622S00A/B GND SSON CLKIN VDD NC SS% CLKOUT |
Similar Part No. - ASM3I622S00EG-16-TR |
|
Similar Description - ASM3I622S00EG-16-TR |